Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002TR-3000 Datasheet(PDF) 4 Page - Tyco Electronics

Part # AM50-0002TR-3000
Description  Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR-3000 Datasheet(HTML) 4 Page - Tyco Electronics

  AM50-0002TR-3000 Datasheet HTML 1Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 2Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 3Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 4Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise Amplifier
1.575 GHz
AM50-0002
4
V7
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
FREQ
S11 (MAG) S11 (ANG) S21 (MAG) S21 (ANG)
S12 (MAG)
S12 (ANG) S22 (MAG) S22 (ANG)
(GHz)
0.75
0.921
-30.81
2.509
25.55
0.00148
8.86
0.166
-177.94
0.80
0.913
-32.28
2.819
22.22
0.00130
8.34
0.160
178.21
0.85
0.910
-33.76
3.187
18.24
0.00129
2.77
0.154
174.64
0.90
0.907
-35.75
3.593
13.38
0.00121
21.43
0.148
172.18
0.95
0.909
-37.74
4.061
8.14
0.00102
4.10
0.140
169.61
1.00
0.901
-39.48
4.562
2.42
0.00107
7.73
0.134
167.83
1.05
0.892
-41.10
5.138
-3.96
0.00106
6.05
0.125
166.68
1.10
0.898
-43.16
5.787
-10.74
0.00083
1.77
0.116
166.54
1.15
0.902
-45.17
6.477
-18.10
0.00066
-6.72
0.108
169.20
1.20
0.899
-47.10
7.253
-26.07
0.00065
-31.71
0.099
172.34
1.25
0.896
-49.30
8.079
-34.70
0.00055
-24.54
0.095
179.35
1.30
0.894
-51.27
8.956
-43.79
0.00041
-29.08
0.094
-170.96
1.35
0.894
-54.18
9.894
-53.69
0.00028
-63.69
0.102
-161.31
1.40
0.892
-56.58
10.808
-64.44
0.00053
-134.67
0.119
-153.00
1.45
0.885
-59.28
11.727
-75.73
0.00070
-137.52
0.145
-149.06
1.50
0.873
-62.30
12.525
-87.83
0.00115
-157.96
0.178
-148.14
1.55
0.857
-65.21
13.091
-100.40
0.00154
-162.50
0.214
-150.19
1.60
0.832
-67.38
13.498
-113.16
0.00208
-173.25
0.252
-154.73
1.65
0.810
-69.51
13.577
-126.00
0.00253
-178.80
0.289
-160.02
1.70
0.782
-71.55
13.373
-138.81
0.00294
173.91
0.322
-166.25
1.75
0.760
-73.07
12.964
-150.86
0.00347
167.10
0.351
-172.30
1.80
0.739
-74.16
12.390
-162.47
0.00382
162.87
0.375
-178.46
1.85
0.724
-75.18
11.688
-173.46
0.00423
155.47
0.394
175.75
1.90
0.712
-75.70
10.981
176.38
0.00474
150.99
0.409
170.19
1.95
0.699
-77.01
10.218
166.80
0.00498
148.83
0.423
165.01
2.00
0.699
-77.56
9.495
157.89
0.00544
146.02
0.432
160.40
2.05
0.692
-78.24
8.807
149.48
0.00565
142.63
0.440
155.71
2.10
0.690
-79.57
8.163
141.76
0.00600
139.72
0.448
151.79
2.15
0.688
-80.62
7.551
134.45
0.00640
136.31
0.454
147.76
2.20
0.690
-81.76
6.996
127.26
0.00673
135.38
0.459
144.08
2.25
0.689
-83.14
6.477
120.81
0.00681
132.88
0.464
140.70
2.30
0.691
-84.63
6.005
114.57
0.00740
131.06
0.467
137.31
2.35
0.691
-86.09
5.576
108.60
0.00754
129.17
0.472
134.28
2.40
0.693
-87.58
5.181
102.95
0.00793
126.95
0.475
131.15
2.45
0.693
-89.37
4.811
97.37
0.00831
126.73
0.478
128.24
2.50
0.697
-90.85
4.483
92.22
0.00854
125.02
0.481
125.56
S-Parameters


Similar Part No. - AM50-0002TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002TR-3000 MA-COM-AM50-0002TR-3000 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002TR-3000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com