Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6035BAUR30-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6035BAUR30-T
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035BAUR30-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6035BAUR30-T Datasheet HTML 6Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 7Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 8Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 9Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 10Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 11Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 12Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 13Page - Maxim Integrated Products MAX6035BAUR30-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High-Supply-Voltage, Precision
Voltage Reference in SOT23
10
______________________________________________________________________________________
MAX6035 toc37
40
µs/div
VL
5V/div
VOUT
AC-COUPLED
100mV/div
MAX6035
LOAD TRANSIENT (VOUT = 2.5V)
(IOUT =
±2mA, CL = 1µF, RL = 1.25kΩ) (Figure 1)
MAX6035 toc38
100
µs/div
VL
10V/div
VOUT
AC-COUPLED
100mV/div
MAX6035
LOAD TRANSIENT (VOUT = 3V)
(IOUT =
±2mA, CL = 1µF, RL = 1.5kΩ) (Figure 1)
MAX6035 toc39
200
µs/div
VL
10V/div
VOUT
AC-COUPLED
20mV/div
MAX6035
LOAD TRANSIENT (VOUT = 5V)
(IOUT =
±2mA, CL = 1µF, RL = 2.5kΩ) (Figure 1)
MAX6035 toc40
20
µs/div
VL
5V/div
VOUT
AC-COUPLED
500mV/div
MAX6035
LOAD TRANSIENT (VOUT = 2.5V)
(IOUT = 0 to 10mA, CL = 0, RL = 250
Ω) (Figure 2)
MAX6035 toc41
20
µs/div
VL
5V/div
VOUT
AC-COUPLED
500mV/div
MAX6035
LOAD TRANSIENT (VOUT = 3V)
(IOUT = 0 to 10mA, CL = 0, RL = 300
Ω) (Figure 2)
MAX6035 toc42
200
µs/div
VL
5V/div
VOUT
AC-COUPLED
20mV/div
MAX6035
LOAD TRANSIENT (VOUT = 5V)
(IOUT = 0 to 10mA, CL = 0, RL = 500
Ω) (Figure 2)
Typical Operating Characteristics (continued)
(VIN = 5V for MAX6035AAUR25/MAX6035AAUR30, VIN = 15V for MAX6035AAUR50, IOUT = 0, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6035BAUR30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035BAUR30-T MAXIM-MAX6035BAUR30-T Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
More results

Similar Description - MAX6035BAUR30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com