Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3811 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC3811
Description  Silicon NPN epitaxial planer type(For high speed switching)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3811 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3811 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3811 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SC3811
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature Ta (˚C)
01.2
1.0
0.8
0.2
0.6
0.4
0
120
100
80
60
40
20
Ta=25˚C
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
I
B=3.0mA
Collector to emitter voltage V
CE
(V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
75˚C
25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
600
500
400
300
200
100
V
CE=1V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
–1
–10
–100
–1000
–3
–30
–300
0
600
500
400
300
200
100
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
6
5
4
3
2
1
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
Switching time measurement circuit
ton, toff Test Circuit
tstg Test Circuit
220
3.3k
0.1
µF
3.3k
50
V
CC=3V
V
out
50
V
in=10V
V
bb=
–3V
V
in
V
in
V
out
t
on
t
off
V
out
10%
10%
90%
90%
0.1
µF
0.1
µF
A
V
out
V
in=10V
V
bb=2V
90
V
CC=10V
500
50
910
500
1k
0
V
in
t
stg
V
out
10%
10%
(Waveform at A)


Similar Part No. - 2SC3811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC381 ETC1-2SC381 Datasheet
73Kb / 3P
   LICON NPN EPITAXIAL PLANAR TRANSISTOR
2SC381-BN ETC1-2SC381-BN Datasheet
73Kb / 3P
   LICON NPN EPITAXIAL PLANAR TRANSISTOR
2SC381-O ETC1-2SC381-O Datasheet
73Kb / 3P
   LICON NPN EPITAXIAL PLANAR TRANSISTOR
2SC381-R ETC1-2SC381-R Datasheet
73Kb / 3P
   LICON NPN EPITAXIAL PLANAR TRANSISTOR
logo
NEC
2SC3810 NEC-2SC3810 Datasheet
34Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE
More results

Similar Description - 2SC3811

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4691 PANASONIC-2SC4691 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For high speed switching)
2SC3757 PANASONIC-2SC3757 Datasheet
64Kb / 2P
   Silicon NPN epitaxial planer type(For high speed switching)
2SC4782 PANASONIC-2SC4782 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For high speed switching)
2SC4755 PANASONIC-2SC4755 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For high speed switching)
2SC3938 PANASONIC-2SC3938 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For high speed switching)
2SD2556 PANASONIC-2SD2556 Datasheet
45Kb / 1P
   Silicon NPN epitaxial planer type(For power switching)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
   Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com