Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3355EEBC-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3355EEBC-T
Description  /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3355EEBC-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3355EEBC-T Datasheet HTML 1Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 2Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX3355EEBC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
±15kV ESD-Protected USB On-the-Go
Charge Pump and Comparators in UCSP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.6V to +5.5V, VL = +1.65V to VCC, C1 = 0.1µF, VCC decoupled with 1µF capacitor to GND, VL decoupled with 0.1µF
capacitor to GND, CLOAD = 1µF (min), ESRLOAD = 1
Ω (max), TA = TMIN to TMAX. Typical values are at VCC = +3.0V, VL = 1.8V, TA =
+25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBUS Source Current
OFFVBUS = VL, ID_IN = GND
8
mA
VBUS Short-Circuit Current Limit
VBUS shorted to GND
200
mA
VBUS Output Ripple
ILOAD = 8mA, CLOAD = 1µF,
OFFVBUS = VL, ID_IN = GND (Note 3)
100
mV
Charge-Pump Switching
Frequency
500
kHz
VBUS Input Impedance
RINVBUS
OFFVBUS = GND or SHDN = GND
40
100
k
LOAD DETECTION VBUS OUTPUT VOLTAGE
CLOAD = 20µF, OFFVBUS = VL, ID_IN =
VCC, IBUS source on-time = tVBUSCHRG
2.1
VBUS Output Voltage
CLOAD = 95µF, OFFVBUS = VL, ID_IN =
VCC, IBUS source on-time = tVBUSCHRG
1.9
V
VBUS Source Current
OFFVBUS = VL, ID_IN = VCC (Note 4)
450
600
850
µA
VBUS Current Gate Time
tVBUSCHRG
OFFVBUS = VL, ID_IN = VCC, Device B
(Note 4)
155
(max)
105
56
(min)
ms
VBUS COMPARATOR
VBUS Valid Comparator Threshold
VTHVBUSVLD
VBUS rising
4.4
4.55
4.63
V
VBUS Valid Comparator Hysteresis
20
mV
Session Valid Comparator
Threshold
VTHSESVLD
1.12
1.4
1.68
V
Session Valid Comparator
Hysteresis
15
mV
B-Session End Comparator
Threshold
VTHSESEND
0.4
0.5
0.6
V
B-Session End Comparator
Hysteresis
30
mV
Shutdown Comparator
VTH,SHDN
0.8
2.4
V
ID_IN
ID_IN Voltage Input for Device B
2/3 x Vcc
V
ID_IN Voltage Input for Device A
0.4
V
ID_IN Input Impedance
150
200
250
k
ESD PROTECTION (ID_IN, VBUS)
Human Body Model
±15
kV
IFC 1000-4-2 Air-Gap Discharge
±15
kV
IFC 1000-4-2 Contact Discharge
±8
kV


Similar Part No. - MAX3355EEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX335 MAXIM-MAX335 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3353EEBP-T MAXIM-MAX3353EEBP-T Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3353EEUE MAXIM-MAX3353EEUE Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
More results

Similar Description - MAX3355EEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
   USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3353E MAXIM-MAX3353E Datasheet
370Kb / 21P
   USB On-the-Go Charge Pump with Switchable Pullup/Pulldown Resistors
Rev 1; 10/03
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com