Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058T Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2058T
Description  Lithium Ion Pack Supervisor For 2-Cell Packs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058T Datasheet(HTML) 4 Page - Texas Instruments

  BQ2058T Datasheet HTML 1Page - Texas Instruments BQ2058T Datasheet HTML 2Page - Texas Instruments BQ2058T Datasheet HTML 3Page - Texas Instruments BQ2058T Datasheet HTML 4Page - Texas Instruments BQ2058T Datasheet HTML 5Page - Texas Instruments BQ2058T Datasheet HTML 6Page - Texas Instruments BQ2058T Datasheet HTML 7Page - Texas Instruments BQ2058T Datasheet HTML 8Page - Texas Instruments BQ2058T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Functional Description
Figure 1 is a block diagram outlining the major compo-
nents of the bq2058T. Figure 2 shows a low-side control
connection diagram. The following sections detail the
various functional aspects of the bq2058T.
Thresholds
The bq2058T monitors the lithium ion pack for the con-
ditions listed below. Shown with these conditions are
the respective thresholds used to determine if that con-
dition exists:
s
Overvoltage (VOV)
s
Undervoltage (VUV)
s
Overcurrent (VOCH,VOCL)
s
Charge Enable (VCE)
s
Charge Detect (VCD)
The bq2058T samples a cell every 60ms (typical). Every
sample is a fully differential measurement of each cell.
During this sample period, the bq2058T compares the
measurements with these thresholds to determine if any
of the these conditions exist: VOV,VUV, and VCE.
Overcurrent and charge detect are conditions that are
not sampled, but are continuously monitored.
Initialization
On initial power-up, such as connecting the battery pack
for the first time to the bq2058T, the bq2058T enters the
low-power sleep mode, disabling the DSG output. It is
recommended that a top to bottom cell connection
be made at pack assembly for proper initializa-
tion. A charging supply must be applied to the bq2058T
circuit to enable the pack. See Low-Power Sleep Mode
and Charge Detect sections.
4
bq2058T
FG2058T1.eps
DSG
VCC
UVD
OVD
OCD
VCC
CSH
BAT1P
CHG
CTL
VSS
CSL
BAT2N
BAT2N
BAT2N
BAT1N
bq2058T
NEG
C6
C7
R1
R2
Q1
Q2
C5
C4
C1
C2
C3
POS
BAT1
BAT2
Figure 2. 2-Cell Connection Diagram, Low-Side Control
July 1997


Similar Part No. - BQ2058T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058 TI-BQ2058 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN TI-BQ2058CSN Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5 TI-BQ2058CSN-C5 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5TR TI-BQ2058CSN-C5TR Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5TRG4 TI-BQ2058CSN-C5TRG4 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
More results

Similar Description - BQ2058T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058 TI-BQ2058 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com