Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI803X Datasheet(PDF) 9 Page - ON Semiconductor

Part # EMI803X
Description  Common Mode Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI803X Datasheet(HTML) 9 Page - ON Semiconductor

  EMI803X Datasheet HTML 1Page - ON Semiconductor EMI803X Datasheet HTML 2Page - ON Semiconductor EMI803X Datasheet HTML 3Page - ON Semiconductor EMI803X Datasheet HTML 4Page - ON Semiconductor EMI803X Datasheet HTML 5Page - ON Semiconductor EMI803X Datasheet HTML 6Page - ON Semiconductor EMI803X Datasheet HTML 7Page - ON Semiconductor EMI803X Datasheet HTML 8Page - ON Semiconductor EMI803X Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EMI803x Series
www.onsemi.com
9
PACKAGE DIMENSIONS
XDFN16 4.0x1.35, 0.5P
CASE 711AZ
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
16X
0.10
B
0.05
A
C
C NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
16X
A
A1
(A3)
0.08 C
0.10 C
C SEATING
PLANE
SIDE VIEW
L
16X
1
8
9
16
DETAIL B
0.25
1.55
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1
DETAIL A
DIM
MIN
MAX
MILLIMETERS
A
0.40
0.50
A1
0.00
0.05
A3
0.15 REF
b
0.15
0.25
D
4.00 BSC
L
0.40
0.60
E
1.35 BSC
e
0.50 BSC
L1
−−−
0.15
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
e/2
0.48
15X
0.50
PITCH
0.65
16X
RECOMMENDED
L2
L2
0.20 REF
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
TECHNICAL SUPPORT
North American Technical Support:
Voice Mail: 1 800−282−9855 Toll Free USA/Canada
Phone: 011 421 33 790 2910
LITERATURE FULFILLMENT:
Email Requests to: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Europe, Middle East and Africa Technical Support:
Phone: 00421 33 790 2910
For additional information, please contact your local Sales Representative


Similar Part No. - EMI803X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI8041 ONSEMI-EMI8041 Datasheet
465Kb / 10P
   Common Mode Filter
November, 2015 ??Rev. P2
EMI8041 ONSEMI-EMI8041 Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8041BMUTAG ONSEMI-EMI8041BMUTAG Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8041MUTAG ONSEMI-EMI8041MUTAG Datasheet
628Kb / 10P
   Common Mode Filter with ESD Protection
August, 2020 ??Rev. 0
EMI8042 ONSEMI-EMI8042 Datasheet
465Kb / 10P
   Common Mode Filter
November, 2015 ??Rev. P2
More results

Similar Description - EMI803X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
   Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
EMI4193 ONSEMI-EMI4193_16 Datasheet
717Kb / 9P
   Common Mode Filter with ESD Protection
March, 2016 ??Rev. 1
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
logo
ON Semiconductor
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com