Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058TRSN-C2 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2058TRSN-C2
Description  Lithium Ion Pack Supervisor For 2-Cell Packs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058TRSN-C2 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2058TRSN-C2 Datasheet HTML 1Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 2Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 3Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 4Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 5Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 6Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 7Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 8Page - Texas Instruments BQ2058TRSN-C2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
July 1997
bq2058T
+
-
B1P
B1N
Sel1
Sel2
B2N
Pin 9
Pin 8
Pin 7
Cell Inputs
BD2058T1.eps
Edge
Out
Non-Retrigger
Oneshot
Reset
Capacitor
D
CK
Reset
QB
Over_charge
OVD
Edge
Out
Non-Retrigger
Oneshot
Reset
Capacitor
D
CK
Reset
QB
Sleep
UVD
Edge
Out
Non-Retrigger
Oneshot
Reset
Capacitor
D
CK
Reset
QB
OCD
Any_Above_VOV
All_Below_VCE
Q
CTL
Pin 2
External Output Control
Pin 14
Charge Off Delay Capacitor Input
70mV
+
+
+
+
VUV
70mV
Overcurrent Delay
Capacitor Input
Pin 12
Pin 7
Pin 4
Pin 9
Pin 10
Any_Below_VUV
Pin 13
Discharge Off Delay Capacitor Input
D
CK
QB
Q
D
CK
QB
Q
D
CK
QB
Q
D
CK
QB
Q
D
CK
QB
Q
D
CK
QB
Q
Sel2
Sel1
Sel2
Sel1
Sel2
Sel1
+
VCE
+
VOV
+
Charge Control
Output (open drain)
Discharge Control
Output (totem pole)
Chip Negative
Supply
CHG
Over_current
Pin 3
Pin 1
Pin 16
CSH
B1P
B2N
CSL
Pin 7
Pin 4
Pin 9
Pin 10 CSH
B1P
B2N
CSL
DSG
160mV
160mV
Figure 1. Block Diagram


Similar Part No. - BQ2058TRSN-C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058 TI-BQ2058 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN TI-BQ2058CSN Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5 TI-BQ2058CSN-C5 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5TR TI-BQ2058CSN-C5TR Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
BQ2058CSN-C5TRG4 TI-BQ2058CSN-C5TRG4 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
More results

Similar Description - BQ2058TRSN-C2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058 TI-BQ2058 Datasheet
157Kb / 14P
[Old version datasheet]   Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com