Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PESD1563U250 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part No. PESD1563U250
Description  Varistor voltage In = 1 mA DC
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Homepage  http://www.leiditech.com
Logo 

PESD1563U250 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1563U250 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
4-3 Solder pad layout
5. Storage condition
-
Storage environment must be at an ambient temperature of 25~35
℃ and an ambient
humidity of 40~60 % RH
-
Chip varistors can experience degradation of termination solderability when subjected to
high temperature of humidity, or if exposed to sulfur or chlorine gases.
-
Avoid mechanical shock (ex. Falling) to the chip varistor to prevent mechanical cracking
inside of the ceramic dielectric due to its own weight.
-
Use chips within 6 months.
If 6 months of more have elapsed, check solderability before use.-
6. Description about package label
PESD1563U250
Qunatity : 4,000 pcs
- Quantity of shipping chip varistor
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn