Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1F13NSK Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SM1F13NSK
Description  N-Channel 150 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM1F13NSK Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SM1F13NSK Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM1F13NSK Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 150 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
Extremely Low Qgd for Switching Losses
100 % Rg Tested
100 % Avalanche Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
a
Qg (Typ.)
150
0.080 at VGS = 10 V
5.4
23 nC
0.085 at VGS = 8 V
4.5
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1” x 1” FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
5.4
A
TC = 70 °C
5.1
TA = 25 °C
5.0b, c
TA = 70 °C
4.5b, c
Pulsed Drain Current
IDM
22
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.5
TA = 25 °C
2.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.9
W
TC = 70 °C
3.8
TA = 25 °C
3.1b, c
TA = 70 °C
2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
33
40
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SM1F13NSK
1


Similar Part No. - SM1F13NSK

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM1F13NSK SINOPWER-SM1F13NSK Datasheet
240Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM1F13NSKC-TRG SINOPWER-SM1F13NSKC-TRG Datasheet
240Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM1F13NSK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com