Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1105NSV Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # SM1105NSV
Description  N-Channel 100-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM1105NSV Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  SM1105NSV Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM1105NSV Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM1105NSV Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM1105NSV Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM1105NSV Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM1105NSV Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SOT-223 (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension do not include mold flash.
4. Outline conforms to JEDEC outline TO-261AA.
D
B
3
B1
0.10 (0.004) M C
M
H
0.10 (0.004) M C B M
0.20 (0.008) M C A M
0.10 (0.004) M C B M
3 x B
e1
e
1
2
3
A
E
4
C
A
0.08 (0.003)
θ
4 x L
L1
4 x C
3
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
1.55
1.80
0.061
0.071
B
0.65
0.85
0.026
0.033
B1
2.95
3.15
0.116
0.124
C
0.25
0.35
0.010
0.014
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.0905 BSC
e1
4.60 BSC
0.181 BSC
H
6.71
7.29
0.264
0.287
L
0.91
-
0.036
-
L1
0.061 BSC
0.0024 BSC
θ
-
10'
-
10'
ECN: S-82109-Rev. A, 15-Sep-08
DWG: 5969
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SM1105NSV
5


Similar Part No. - SM1105NSV

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SM1105NSUB DOINGTER-SM1105NSUB Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SM1105NSV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com