Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK4N65P Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK4N65P
Description  4 Amps, 650 Volt N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4N65P Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK4N65P Datasheet HTML 1Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 2Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 3Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 4Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 5Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 6Page - First Silicon Co., Ltd FTK4N65P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2012. 07. 03
6/7
Revision No : 0
TYPICAL CHARACTERISTICS
FTK4N65P/F/D/I
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
100
10-1
101
6
8
0
1
4
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
-100
-50
0.8
0.9
1.2
1.1
1.0
0
50
100
150
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
4
.
1
6
.
0
6.0
5.0
3.0
2.0
1.0
0
4.0
4
0
2
3
8
1
56
7
Junction Temperature Tj ( )
C
Source - Drain Voltage VSD (V)
100
10-1
101
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
0
50
0
5
1
0
0
1
0
5
-
0
0
1
-
0.0
0.5
3.0
2.5
1.0
1.5
2.0
C
VGS =10V
IDS = 1.8A
VGS = 0V
IDS = 250
100 C
25 C
150 C
25 C
0
0
1
1
0
1
1
.
0
0.1
1
10
100
VGS=10V, 7V
VGS=10V
VGS=7V
VDS=25V
VGS=5V


Similar Part No. - FTK4N65P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4N60D FS-FTK4N60D Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
FTK4N60F FS-FTK4N60F Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
FTK4N60I FS-FTK4N60I Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
FTK4N60P FS-FTK4N60P Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
More results

Similar Description - FTK4N65P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65 UTC-4N65 Datasheet
390Kb / 8P
   4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK4N70P FS-FTK4N70P Datasheet
403Kb / 6P
   4 Amps, 700 Volt N-CHANNEL POWER MOSFET
FTK4N60P FS-FTK4N60P Datasheet
176Kb / 7P
   4 Amps, 600 Volt N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65_09 Datasheet
180Kb / 6P
   7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
185Kb / 6P
   2 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK5N60P FS-FTK5N60P Datasheet
306Kb / 7P
   5 Amps, 600 Volt N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com