Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SM2211PSQG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

Part No. SM2211PSQG
Description  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo 

SM2211PSQG Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SM2211PSQG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS = 5 thru 2.5 V
VGS = 1.5 V
VGS = 1 V
VGS = 2 V
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
8
16
24
32
40
ID - Drain Current (A)
VGS = 1.8 V
VGS = 4.5 V
VGS = 2.5 V
0
2
4
6
8
0
8
16
24
32
40
Qg - Total Gate Charge (nC)
ID = 10 A
VDS = 9.6 V
VDS = 6 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
03
6
9
12
Coss
Ciss
TJ - Junction Temperature (°C)
0.8
0.9
1.0
1.1
1.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V, 2.5 V
VGS = 4.5 V, 2.5 V
ID = 6.7 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SM2211PSQG
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn