Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3932 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3932
Description  Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3932 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3932 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3932 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3932 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transistors
2SC3932
3
Zrb  IE
PG
 I
E
NF
 I
E
bib  gib
brb  grb
bfb  gfb
bob  gob
− 0.1
− 0.3
−1
− 0.5
−5
− 0.2
−2 −3
−10
0
120
100
80
60
40
20
VCB
= 10 V
f
= 2 MHz
Ta
= 25°C
Emitter current I
E (mA)
− 0.1 − 0.3
−1
−3
−10 −30 −100
0
40
35
30
25
20
15
10
5
VCB
= 10 V
f
= 100 MHz
Rg
= 50 Ω
Ta
= 25°C
Emitter current I
E (mA)
0
12
10
8
6
4
2
− 0.1 − 0.3
−1
−3
−10 −30 −100
VCB
= 10 V
f
= 100 MHz
Rg
= 50 Ω
Ta
= 25°C
Emitter current I
E (mA)
−60
050
40
30
20
10
0
−10
−20
−30
−40
−50
Input conductance g
ib (mS)
yib
= g
ib
+ jb
ib
VCB
= 10 V
f
= 900 MHz
IE
= −2 mA
−5 mA
300
500
600
200
−2.4
−1.0
0
− 0.2
− 0.4
− 0.6
− 0.8
0
− 0.4
− 0.8
−1.2
−1.6
−2.0
f
= 900 MHz
IE
= −5 mA
−2 mA
300
500
600
200
Reverse transfer conductance g
rb (mS)
yrb
= g
rb
+ jb
rb
VCB
= 10 V
0
−60
40
20
0
−20
−40
48
40
32
24
16
8
−2 mA
300
500
600
900
f
= 200 MHz
IE
= −5 mA
Forward transfer conductance g
fb (mS)
yfb
= g
fb
+ jb
fb
VCB
= 10 V
0
0
2.0
1.6
1.2
0.8
0.4
12
10
8
6
4
2
−5 mA
300
500
600
900
f
= 200 MHz
IE
= −2 mA
Output conductance g
ob (mS)
yob
= g
ob
+ jb
ob
VCE
= 10 V


Similar Part No. - 2SC3932

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3930 HTSEMI-2SC3930 Datasheet
845Kb / 3P
   TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC3932

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC4809J PANASONIC-2SC4809J Datasheet
68Kb / 3P
   For high-frequency amplification/oscillation/mixing
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
   Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com