Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0900H Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # TB0900H
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TB0900H Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  TB0900H Datasheet HTML 1Page - Lite-On Technology Corporation TB0900H Datasheet HTML 2Page - Lite-On Technology Corporation TB0900H Datasheet HTML 3Page - Lite-On Technology Corporation TB0900H Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The PTC (Positive Temperature Coefficient) is an overcurrent protection device
TELECOM
EQUIPMENT
E.G. MODEM
FUSE
TSPD 1
RING
TIP
TELECOM
EQUIPMENT
E.G. LINE
CARD
RING
TIP
TSPD 2
TSPD 3
PTC
PTC
TSPD 1
TELECOM
EQUIPMENT
E.G. ISDN
TSPD 1
RING
TIP
TSPD 2
PTC
PTC
TYPICAL CIRCUIT APPLICATIONS
TB0640H thru TB3500H
REV. 1-PRE, 07-May-2001, KSWB04


Similar Part No. - TB0900H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0900H DIODES-TB0900H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0900H DIODES-TB0900H Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
TB0900H DIODES-TB0900H Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
TB0900H SUNMATE-TB0900H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB0900H-13 DIODES-TB0900H-13 Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
More results

Similar Description - TB0900H

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com