Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2300H Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # TB2300H
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TB2300H Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  TB2300H Datasheet HTML 1Page - Lite-On Technology Corporation TB2300H Datasheet HTML 2Page - Lite-On Technology Corporation TB2300H Datasheet HTML 3Page - Lite-On Technology Corporation TB2300H Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1 - OFF STATE CURRENT vs JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE (℃)
VDRM=50V
100
10
1.0
0.1
0.001
0.01
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
-50
-25
0
25
50
75
125
150
1.20
1.10
1.05
1.0
0.90
0.95
1.15
VBR (TJ)
VBR (TJ=25℃)
100
175
FIG. 2 - RELATIVE VARIATION OF BREAKDOWN VOLTAGE
vs JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE (℃)
-50
-25
0
25
50
75
125
150
1.10
1.05
1.0
0.95
100
175
FIG. 3 - RELATIVE VARIATION OF BREAKOVER VOLTAGE
vs JUNCTION TEMPERATURE
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
5.0
V (T); ON STATE VOLTAGE
FIG. 4 - ON STATE CURRENT vs ON STATE VOLTAGE
1.0
10
100
TJ=25℃
TJ, JUNCTION TEMPERATURE (℃)
FIG. 5 - RELATIVE VARIATION OF HOLDING CURRENT
vs JUNCTION TEMPERATURE
VR, REVERSE VOLTAGE
FIG. 6 - RELATIVE VARIATION OF JUNCTION
CAPACITANCE vs REVERSE VOLTAGE BIAS
RATING AND CHARACTERISTICS CURVES
TB0640H thru TB3500H
-50
-25
0
25
50
75
100
125
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1
10
100
0.1
1
Tj =25℃
f=1MHz
VRMS = 1V
CO(VR)
CO(VR = 1V)
IH (TJ)
IH (TJ=25℃)
VBO (TJ)
VBO (TJ=25℃)
REV. 1-PRE, 07-May-2001, KSWB04


Similar Part No. - TB2300H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB2300H DIODES-TB2300H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB2300H DIODES-TB2300H Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
TB2300H DIODES-TB2300H Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
TB2300H SUNMATE-TB2300H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB2300H-13 DIODES-TB2300H-13 Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
More results

Similar Description - TB2300H

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com