Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1086-33FC-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL1086-33FC-TR
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1086-33FC-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL1086-33FC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1086-33FC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Jun., 2003
APL1086
www.anpec.com.tw
3
Electrical Characteristics
APL1086
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
REF
Reference
Voltage
10mA
≤ I
OUT
≤1.5A, 1.4V≤(V
IN -VOUT)
≤9.75V,
T
J =0~125
°C
1.225 1.250 1.275
V
Output Voltage
APL1086-18 TJ =25°C, IOUT =0mA,
T
J =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 3.5V≤V
IN
≤9V,
1.782
1.764
1.800
1.800
1.818
1.836
APL1086-25 T
J =25°C, IOUT =0m A,
T
J =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4V≤V
IN
≤9V,
2.475
2.450
2.500
2.500
2.525
2.550
APL1086-28 T
J =25°C, IOUT =0m A,
T
J =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4.25V≤V
IN
≤9V,
2.822
2.792
2.850
2.850
2.878
2.910
V
OUT
APL1086-33 T
J =25°C, IOUT =0m A,
T
J =0~125
°C,
0
≤ I
OUT
≤ 1.5A, 4.75V≤V
IN
≤9V,
3.267
3.235
3.300
3.300
3.333
3.365
V
Line Regulation
APL1086
T
J =0~125
°C
I
OUT=10m A, 1.5V
≤V
IN –VOUT
≤9V, (note1)
0.03
0.2
APL1086-18 I
OUT=0m A, 3.5V
≤V
IN
≤9V, (note1)
16
APL1086-25 I
OUT=0A, 4V
≤V
IN
≤9V, (note 1)
16
APL1086-28 I
OUT=0A, 4.25V
≤V
IN
≤9V, (note 1)
16
REG
LINE
APL1086-33 I
OUT=0A, 4.75V
≤V
IN
≤ 9V, (note 1)
16
%
mV
Load Regulation
APL1086
T
J =0~125
°C
(V
IN -VOUT)=3V, 0
≤ I
OUT
≤1.5A ,(note 1)
0.1
0.4
APL1086-18 V
IN=3.5V, 0
≤ I
OUT
≤1.5A ,(note 1)
110
APL1086-25 V
IN=4V, 0
≤ I
OUT
≤1.5A ,(note 1)
110
APL1086-28 V
IN=4.25V, 0
≤ I
OUT
≤1.5A ,(note 1)
110
REG
LOAD
APL1086-33 V
IN=4.75V, 0
≤ I
OUT
≤1.5A ,(note 1)
110
%
mV
V
D
Dropout Voltage
I
OUT=1.5A ,T J =0~125
°C
1.3
1.45
V
I
LIMIT
Current Limit
(V
IN -VOUT)=5V, T J=25
°C
1500
mA
I
ADJ
Adjust Pin Current (V
IN -VOUT)=3V, IOUT=10m A, T J=0~125
°C
60
120
µA
∆I
ADJ
Adjust Pin Current
Change
T
J
=0~125°C, 10mA≤ I
OUT
≤1.5A,
1.4V
≤(V
IN -VOUT)
≤7.75V
0.2
5
µA
I
O
Minimum Load
Current
T
J=0~125
°C, (V
IN -VOUT)=7.75V, (note 3)
1.7
mA
PSRR
Ripple Rejection
F
RIPPLE=120Hz, VRIPPLE=1VP-P,
(V
IN -VOUT)=3V, T J=0~125
°C
60
75
dB
T
R
Thermal
Regulation
T
J=25
°C, 30ms Pulse
0.01
0.02
%/ W
T
S
Temperature
Stability
0.5
%
L
S
Long -Term
Stability
T
J =125
°C,1000Hrs.
0.3
%


Similar Part No. - APL1086-33FC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618FC-TRG ANPEC-APL108618FC-TRG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618FC-TUG ANPEC-APL108618FC-TUG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618GC-TRG ANPEC-APL108618GC-TRG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL108618GC-TUG ANPEC-APL108618GC-TUG Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
More results

Similar Description - APL1086-33FC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com