Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3944A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3944A
Description  Silicon NPN epitaxial planar type(For low-frequency driver and high power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3944A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3944A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3944A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC3944, 2SC3944A
Silicon NPN epitaxial planar type
For low-frequency driver and high power amplification
Complementary to 2SA1535 and 2SA1535A
s Features
q
Satisfactory foward current transfer ratio hFE vs. collector cur-
rent IC characteristics
q
High transition frequency fT
q
Makes up a complementary pair with 2SA1535 and 2SA1535A,
which is optimum for the driver-stage of a 60 to 100W output
amplifier
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
150
180
150
180
5
1.5
1
15
2.0
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SC3944
2SC3944A
2SC3944
2SC3944A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector to base
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = 150V, IE = 0
VCB = 180V, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
VCE = 5V, IC = 500mA
IC = 500mA, IB = 50mA
IC = 500mA, IB = 50mA
VCB = 10V, IE = –50mA, f = 10MHz
VCB = 10V, IE = 0, f = 1MHz
min
150
180
5
95
50
typ
160
100
0.5
1
200
30
max
10
10
220
2
2
50
Unit
µA
V
V
V
V
MHz
pF
2SC3944
2SC3944A
2SC3944
2SC3944A
*h
FE1 Rank classification
Rank
Q
R
hFE1
95 to 155
130 to 220
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SC3944A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3944A ISC-2SC3944A Datasheet
80Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3944A SAVANTIC-2SC3944A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
2SC3944A SAVANTIC-2SC3944A Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3944A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2621 PANASONIC-2SD2621 Datasheet
88Kb / 3P
   Silicon NPN epitaxial planar type For low-frequency driver amplification
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC2497 PANASONIC-2SC2497 Datasheet
70Kb / 4P
   Silicon NPN epitaxial planar type(For low-frequency power amplification)
2001 MAR
XN01558 PANASONIC-XN01558 Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type For low-frequency amplification
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
DSC7003 PANASONIC-DSC7003 Datasheet
315Kb / 3P
   Silicon NPN epitaxial planar type For low frequency output amplification
2SD2051 PANASONIC-2SD2051 Datasheet
57Kb / 2P
   Silicon NPN epitaxial planar type Darlington(For low-frequency amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com