Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1421-03CS Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM1421-03CS
Description  4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1421-03CS Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM1421-03CS Datasheet HTML 1Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 2Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 3Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 4Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 5Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 6Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 7Page - California Micro Devices Corp CM1421-03CS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
04/27/04
CM1421
Performance Information
Typical Filter Performance (TA=25°C, DC Bias=0V, 50 Ohm Environment)
Figure 1. Insertion Loss VS. Frequency (A1-C1 to GND B1)
Figure 2. Insertion Loss VS. Frequency (A2-C2 to GND B1)


Similar Part No. - CM1421-03CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
   4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
More results

Similar Description - CM1421-03CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
CSPEMI307A ONSEMI-CSPEMI307A Datasheet
373Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
May 2010 Rev. 2
logo
California Micro Device...
CSPEMI307A CALMIRCO-CSPEMI307A Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CM1401-32CP ONSEMI-CM1401-32CP Datasheet
354Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
June 2010 Rev. 0
CM1401-03 ONSEMI-CM1401-03 Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
logo
California Micro Device...
CM1401-03 CALMIRCO-CM1401-03 Datasheet
505Kb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com