Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4700DYQ2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4700DYQ2
Description  Power Selector Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4700DYQ2 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4700DYQ2 Datasheet HTML 1Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 2Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 3Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 4Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 5Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 6Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 7Page - Vishay Siliconix SI4700DYQ2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si4700DY
Vishay Siliconix
New Product
Document Number: 71110
S-00025—Rev. A, 24-Jan-00
www.vishay.com
S FaxBack 408-970-5600
2-1
Power Selector Switch
FEATURES
APPLICATIONS
D MOSFETs Configured To Give Spdt Switch
With One Control Input
D 2.5- to 8-V Ground Referenced Control Input
D 30-mW Main Switch On-Resistance
D 70-mW Alternate Switch On-Resistance
D SOIC-8 Package
D 3000-V ESD Protection On Control Input
D Zero Power Consumption In Alternate Power
Mode
D ACPI Power Switching In Desktop
Computers
DESCRIPTION
The Si4700DY consists of two MOSFETs configured for use as
a single-pole, double-throw (SPDT) switch. A single ground
referenced input, controls which switch is on. The Si4700DY
is intended for use in applications where two power sources
are available and the circuit must select one of the two
depending on the conditions. An example of such a circuit is
ACPI implementation in computers where part of a circuit must
switch to an “always-on” power supply when the computer is
in suspend mode, but runs off the main power supply for
normal operation.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
VS2
4
VG
8
VS1
3
ON/OFF
1
2
5, 6, 7
CO
VD
GND
Q1
Q2
Q3
RG


Similar Part No. - SI4700DYQ2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4700 SILABS-SI4700 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4700 SILABS-SI4700 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4700 SILABS-SI4700 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4700 SILABS-SI4700 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Similar Description - SI4700DYQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
logo
DAICO Industries, Inc.
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
   Switch Selector UHF Antenna
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com