Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP11 Datasheet(PDF) 1 Page - Rohm

Part # IMP11
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMP11 Datasheet(HTML) 1 Page - Rohm

  IMP11 Datasheet HTML 1Page - Rohm IMP11 Datasheet HTML 2Page - Rohm IMP11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMP11
Diodes
Rev.B
1/2
Switching diode
IMP11
Application
External dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Small mold type. (SMD6)
2) High reliability
Construction
Silicon epitaxial planar
Structure
ROHM : SMD6
SMD6
0.8MIN.
19
0.45
0.35
0.95
0.95
0.45
0.35
0.6
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
JE
w
ITA : SC-74
JEDEC :S0T-457
eek code
1Pin Mark
2.9±0.2
1.9±0.2
0.95
0.95
各リードとも同寸法
0~0.1
(3)
(5)
(1)
(4)
(2)
(6)
0.15±0.1
    0.06
1.1±0.2
0.1
0.8±0.1
0.3±0.1
0.05
Each lead has same dimension
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
φ1.05MIN
1.35±0.1
0.3±0.1
Symbol
Unit
VRM
V
VR
V
IFM
mA
IO
mA
Isurge
A
Pd
mW
Tj
Tstg
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
--
1.2
V
IF=100mA
IR
--
0.1
µA
VR=70V
Ct
-
-
3.5
pF
VR=6V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=5mA , RL=50Ω
Reverse recovery time
Capacitance between terminals
Reverse current
Parameter
Forward voltagae
Surge current (t=1us) (Single)
4
nction temparature
torage temperature
Limits
80
80
100
verse voltage (repetitive peak)
rage rectified forward current (Single)
verse voltage (DC)
300
ower dissipation (TOTAL)(*1)
ard current (Single)
1) Not exceed 200mW per element.
150
-55 to +150
300
Re
Re
Forw
Ave
Ju
P
S
(*


Similar Part No. - IMP11

ManufacturerPart #DatasheetDescription
logo
Rohm
IMP11 ROHM-IMP11 Datasheet
83Kb / 3P
   Switching diode
IMP11 ROHM-IMP11 Datasheet
1,009Kb / 3P
   Switching Diode
IMP11 ROHM-IMP11 Datasheet
1Mb / 8P
   Switching Diode
IMP11FH ROHM-IMP11FH Datasheet
1Mb / 8P
   Switching Diode
IMP11 ROHM-IMP11_11 Datasheet
1,009Kb / 3P
   Switching Diode
More results

Similar Description - IMP11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com