Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT21 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BRT21
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT21 Datasheet(HTML) 5 Page - Vishay Siliconix

  BRT21 Datasheet HTML 1Page - Vishay Siliconix BRT21 Datasheet HTML 2Page - Vishay Siliconix BRT21 Datasheet HTML 3Page - Vishay Siliconix BRT21 Datasheet HTML 4Page - Vishay Siliconix BRT21 Datasheet HTML 5Page - Vishay Siliconix BRT21 Datasheet HTML 6Page - Vishay Siliconix BRT21 Datasheet HTML 7Page - Vishay Siliconix BRT21 Datasheet HTML 8Page - Vishay Siliconix BRT21 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BRT21/ 22/ 23
Document Number 83690
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 2. Normalized LED Trigger Current vs. Power Factor
Figure 3. Forward Voltage vs. Forward Current
Figure 4. Peak LED Current vs. Duty Factor, Tau
iil410_02
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PF - Power Factor
Ta = 25°C
IFth Normalized to IFth @ PF = 1.0
iil410_03
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55°C
Ta = 25°C
Ta = 85°C
iil410_04
10-6
10-5
10-4
10 -3
10-2
10-1
10 0
101
10
100
1000
10000
t -LED Pulse Duration -s
.005
.05
.02
.01
.1
.2
.5
Duty Factor
t
τ
DF = /t
τ
Figure 5. Maximum LED Power Dissipation
Figure 6. Typical Output Characteristics
Figure 7. Current Reduction
iil410_05
100
80
60
40
20
0
-20
-40
-60
0
50
100
150
Ta - Ambient Temperature - °C
iil410_06
IT = f(VT),
parameter: Tj
iil410_07
ITRMS=f(TA),
RthJA=150 K/W
Device switch
soldered in pcb
or base plate.


Similar Part No. - BRT21

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
logo
Siemens Semiconductor G...
BRT21H SIEMENS-BRT21H Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
Vishay Siliconix
BRT21H VISHAY-BRT21H Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
More results

Similar Description - BRT21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com