Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRT23M-X006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BRT23M-X006
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRT23M-X006 Datasheet(HTML) 7 Page - Vishay Siliconix

  BRT23M-X006 Datasheet HTML 1Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 2Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 3Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 4Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 5Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 6Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 7Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 8Page - Vishay Siliconix BRT23M-X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BRT21/ 22/ 23
Document Number 83690
Rev. 1.4, 10-Jan-05
Vishay Semiconductors
www.vishay.com
7
Technical Information
See Application Note for additional information.
Package Dimensions in Inches (mm)
Figure 14. 2 - Connect a Series Resistor to the Output and Bridge
Both by a Capacitor
iil410_14
22 nF
220 V~
2
1
3
5
6
4
33
Figure 15. 3 - Connect a Choke of Low Winding Cap. in Series,
e.g., a Ringcore Choke, with Higher Load Currents
iil410_15
22 nF
220 V~
1
2
3
5
4
6
500
µH
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15ı max.
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
ISO Method A
.130 (3.30)
.150 (3.81)
.033 (0.84) typ.
.033 (0.84) typ.
.100 (2.54) typ
.039
(1.00)
Min.
.018 (0.46)
.020 (0.51)
.048 (1.22)
.052 (1.32)
typ .
17222


Similar Part No. - BRT23M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT23M-X006 VISHAY-BRT23M-X006 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
More results

Similar Description - BRT23M-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com