Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCZ16245ADGGRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVCZ16245ADGGRE4
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCZ16245ADGGRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVCZ16245ADGGRE4 Datasheet HTML 1Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 2Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 3Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 4Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVCZ16245ADGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74LVCZ16245A
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES278D – JUNE 1999 – REVISED AUGUST 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V
VCC–0.2
VOH
IOH = 12 mA
2.7 V
2.2
V
VOH
IOH = –12 mA
3 V
2.4
V
IOH = –24 mA
3 V
2.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
Control inputs
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±5
µA
IOZ‡
VO = 0 to 5.5 V
3.6 V
±5
µA
IOZPU
VO = 0.5 V to 2.5 V,
OE = don’t care
0 to 1.5 V
±5
µA
IOZPD
VO = 0.5 V to 2.5 V,
OE = don’t care
1.5 V to 0
±5
µA
ICC
VI = VCC or GND
IO =0
36 V
60
µA
ICC
3.6 V
≤ VI ≤ 5.5 V§
IO = 0
3.6 V
60
µA
∆ICC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
5
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
6.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This applies in the disabled state only.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A or B
B or A
4.2
1.3
4
ns
ten
OE
A or B
6.1
1.4
5.6
ns
tdis
OE
A or B
7.1
2
6.6
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A or B
B or A
3.9
1
3.7
ns
ten
OE
A or B
5.9
1.1
5.4
ns
tdis
OE
A or B
6.7
1.6
6.2
ns


Similar Part No. - 74LVCZ16245ADGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCZ16244ADGGRE4 TI1-74LVCZ16244ADGGRE4 Datasheet
331Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVCZ16244ADGGRG4 TI1-74LVCZ16244ADGGRG4 Datasheet
331Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVCZ16244ADGVRE4 TI1-74LVCZ16244ADGVRE4 Datasheet
331Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVCZ16244ADGVRG4 TI1-74LVCZ16244ADGVRG4 Datasheet
331Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVCZ16244ADLRG4 TI1-74LVCZ16244ADLRG4 Datasheet
331Kb / 12P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCZ16245ADGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com