Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963EQ-1.8 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT1963EQ-1.8
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EQ-1.8 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT1963EQ-1.8 Datasheet HTML 7Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 8Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 9Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 10Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 11Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 12Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 13Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 14Page - Linear Integrated Systems LT1963EQ-1.8 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1963 Series
1963fa
Figure 4. Ceramic Capacitor Temperature Characteristics
APPLICATIO S I FOR ATIO
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
1963 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
phone works. For a ceramic capacitor the stress can be
induced by vibrations in the system or thermal transients.
Overload Recovery
Like many IC power regulators, the LT1963-X has safe
operating area protection. The safe area protection de-
creases the current limit as input-to-output voltage in-
creases and keeps the power transistor inside a safe
operating region for all values of input-to-output voltage.
The protection is designed to provide some output current
at all values of input-to-output voltage up to the device
breakdown.
When power is first turned on, as the input voltage rises,
the output follows the input, allowing the regulator to start
up into very heavy loads. During the start-up, as the input
voltage is rising, the input-to-output voltage differential is
small, allowing the regulator to supply large output
currents. With a high input voltage, a problem can occur
wherein removal of an output short will not allow the
output voltage to recover. Other regulators, such as the
LT1085, also exhibit this phenomenon, so it is not unique
to the LT1963-X.
The problem occurs with a heavy output load when the
input voltage is high and the output voltage is low. Com-
mon situations are immediately after the removal of a
short-circuit or when the shutdown pin is pulled high after
the input voltage has already been turned on. The load line
for such a load may intersect the output current curve at
two points. If this happens, there are two stable output
operating points for the regulator. With this double inter-
section, the input power supply may need to be cycled
down to zero and brought up again to make the output
recover.
Output Voltage Noise
The LT1963 regulators have been designed to provide low
output voltage noise over the 10Hz to 100kHz bandwidth
while operating at full load. Output voltage noise is typi-
cally 40nV/
√Hz over this frequency bandwidth for the
LT1963 (adjustable version). For higher output voltages
(generated by using a resistor divider), the output voltage
noise will be gained up accordingly. This results in RMS
noise over the 10Hz to 100kHz bandwidth of 14
µVRMS for
the LT1963 increasing to 38
µVRMS for the LT1963-3.3.
Higher values of output voltage noise may be measured
when care is not exercised with regards to circuit layout
and testing. Crosstalk from nearby traces can induce
unwanted noise onto the output of the LT1963-X. Power
supply ripple rejection must also be considered; the LT1963
regulators do not have unlimited power supply rejection
and will pass a small portion of the input noise through to
the output.
Figure 3. Ceramic Capacitor DC Bias Characteristics
DC BIAS VOLTAGE (V)
1963 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF


Similar Part No. - LT1963EQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963EFE LINER-LT1963EFE Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963ES8 LINER-LT1963ES8 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963ES8-1.5 LINER-LT1963ES8-1.5 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963ES8-1.8 LINER-LT1963ES8-1.8 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963EQ-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com