Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB7620-000 Datasheet(PDF) 3 Page - Alpha Industries

Part # CDB7620-000
Description  Silicon Schottky Diode Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

CDB7620-000 Datasheet(HTML) 3 Page - Alpha Industries

  CDB7620-000 Datasheet HTML 1Page - Alpha Industries CDB7620-000 Datasheet HTML 2Page - Alpha Industries CDB7620-000 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon Schottky Diode Chips
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 8/01A
Characteristic
Value
Reverse Voltage (VR)
Voltage Rating
Forward Current (IF)
50 mA
Power Dissipation (PD)
75 mW
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
Absolute Maximum Ratings
0.015 (0.38 mm)
0.013 (0.33 mm)
0.015 (0.38 mm)
0.013 (0.33 mm)
BONDING PAD
DIAMETER
0.0035 (0.089 mm)–
0.0045 (0.114 mm)
0.0085 (0.216 mm)
0.0065 (0.165 mm)
526-006 = Cathode bond pad.
526-011 = Anode bond pad.
Outline Drawing
526-006, 526-011


Similar Part No. - CDB7620-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CDB7620-000 SKYWORKS-CDB7620-000 Datasheet
107Kb / 4P
   Silicon Schottky Diode Chips
More results

Similar Description - CDB7620-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CDC7630-000 SKYWORKS-CDC7630-000 Datasheet
107Kb / 4P
   Silicon Schottky Diode Chips
logo
Silan Microelectronics ...
2SB075040AMLJL SILAN-2SB075040AMLJL Datasheet
55Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB082020MAJL SILAN-2SB082020MAJL Datasheet
25Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB139040ML SILAN-2SB139040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB124060ML SILAN-2SB124060ML Datasheet
17Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Silan Microelectronics ...
2SB075030MLJL SILAN-2SB075030MLJL Datasheet
74Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB075040ML SILAN-2SB075040ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Jinan Jingheng (Group) ...
SR0620 JINANJINGHENG-SR0620 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
SR1020 JINANJINGHENG-SR1020 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com