Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963ET-1.5 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LT1963ET-1.5
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963ET-1.5 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LT1963ET-1.5 Datasheet HTML 3Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 4Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 5Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 6Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 7Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 8Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 9Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 10Page - Linear Integrated Systems LT1963ET-1.5 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1963 Series
1963fa
SHDN Pin Input Current
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
7
6
5
4
3
2
1
0
25
75
1963 G25
–25
0
50
100
125
VSHDN = 20V
TEMPERATURE (
°C)
–50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1963 G26
–25
25
100
125
INPUT/OUTPUT DIFFERENTIAL (V)
02
6
10
14
18
3.0
2.5
2.0
1.5
1.0
0.5
0
4
8
12
16
1963 G27
20
TJ = 125°C
TJ = 25°C
TJ = – 50°C
∆VOUT = 100mV
ADJ Pin Bias Current
Current Limit
Current Limit
OUTPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1963 G29
0123
4
5
67
8
9
10
LT1963
LT1963-1.8
LT1963-3.3
LT1963-2.5
TJ = 25°C
VIN = 0V
CURRENT FLOWS INTO
OUTPUT PIN
VOUT = VADJ (LT1963)
VOUT = VFB (LT1963-1.8/-2.5/-3.3)
TEMPERATURE (
°C)
–50
0
50
75
1963 G30
–25
25
100
125
LT1963-1.8/-2.5/-3.3
LT1963
VIN = 0V
VOUT = 1.21V (LT1963)
VOUT = 1.8V (LT1963-1.8)
VOUT = 2.5V (LT1963-2.5)
VOUT = 3.3V (LT1963-3.3)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
TEMPERATURE (
°C)
–50
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1963 G28
–25
25
100
125
VIN = 7V
VOUT = 0V
Reverse Output Current
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1963 G31
100
100k
COUT = 10µF TANTALUM
COUT = 100µF TANTALUM
+10
× 1µF CERAMIC
IL = 0.75A
VIN = VOUT(NOMINAL) +1V + 50mVRMS RIPPLE
TEMPERATURE (
°C)
–50
76
74
72
70
68
66
64
62
25
75
1963 G32
–25
0
50
100
125
IL = 0.75A
VIN = VOUT(NOMINAL) +1V + 0.5VP-P
RIPPLE AT f = 120Hz
Reverse Output Current
Ripple Rejection
Ripple Rejection


Similar Part No. - LT1963ET-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963EFE LINER-LT1963EFE Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963ES8 LINER-LT1963ES8 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963ES8-1.5 LINER-LT1963ES8-1.5 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963ES8-1.8 LINER-LT1963ES8-1.8 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963ET-1.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com