Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963EST-2.5 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1963EST-2.5
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EST-2.5 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1963EST-2.5 Datasheet HTML 5Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 6Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 7Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 8Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 9Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 10Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 11Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 12Page - Linear Integrated Systems LT1963EST-2.5 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1963 Series
1963fa
Figure 1. Kelvin Sense Connection
IN
SHDN
1963 F01
RP
OUT
VIN
SENSE
GND
LT1963
RP
+
+
LOAD
PI FU CTIO S
OUT: Output. The output supplies power to the load. A
minimum output capacitor of 10
µF is required to prevent
oscillations. Larger output capacitors will be
required for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE: Sense. For fixed voltage versions of the LT1963
(LT1963-1.8/LT1963-2.5/LT1963-3.3), the SENSE pin is
the input to the error amplifier. Optimum regulation will be
obtained at the point where the SENSE pin is connected to
the OUT pin of the regulator. In critical applications, small
voltage drops are caused by the resistance (RP)ofPCtraces
between the regulator and the load. These may be elimi-
nated by connecting the SENSE pin to the output at the
load as shown in Figure 1 (Kelvin Sense Connection). Note
that the voltage drop across the external PC traces will add
to the dropout voltage of the regulator. The SENSE pin bias
current is 600
µA at the nominal rated output voltage. The
SENSE pin can be pulled below ground (as in a dual supply
system where the regulator load is returned to a negative
supply) and still allow the device to start and operate.
ADJ: Adjust. For the adjustable LT1963, this is the input to
the error amplifier. This pin is internally clamped to
±7V.
It has a bias current of 3
µA which flows into the pin. The
ADJ pin voltage is 1.21V referenced to ground and the
output voltage range is 1.21V to 20V.
SHDN: Shutdown. The SHDN pin is used to put the LT1963
regulators into a low power shutdown state. The output
will be off when the SHDN pin is pulled low. The SHDN pin
can be driven either by 5V logic or open-collector logic
with a pull-up resistor. The pull-up resistor is required to
supply the pull-up current of the open-collector gate,
normally several microamperes, and the SHDN pin cur-
rent, typically 3
µA. If unused, the SHDN pin must be
connected to VIN. The device will be in the low power
shutdown state if the SHDN pin is not connected.
IN: Input. Power is supplied to the device through the IN
pin. A bypass capacitor is required on this pin if the device
is more than six inches away from the main input filter
capacitor. In general, the output impedance of a battery
rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor
in the range of 1
µF to 10µF is sufficient. The LT1963 regu-
lators are designed to withstand reverse voltages on the IN
pin with respect to ground and the OUT pin. In the case of
a reverse input, which can happen if a battery is plugged
in backwards, the device will act as if there is a diode in
series with its input. There will be no reverse current flow
into the regulator and no reverse voltage will appear at the
load. The device will protect both itself and the load.


Similar Part No. - LT1963EST-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963EST-2.5 LINER-LT1963EST-2.5 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963EST-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com