Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-401MD Datasheet(PDF) 2 Page - Rohm

Part # LA-401MD
Description  Single Digit LED Numeric Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-401MD Datasheet(HTML) 2 Page - Rohm

  LA-401MD Datasheet HTML 1Page - Rohm LA-401MD Datasheet HTML 2Page - Rohm LA-401MD Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA-401 D / N Series
LED displays
Rev.B
2/2
Absolute maximum ratings (Ta=25
°C)
Parameter
Red
LA-401VD / VN
Unit
mW
mW
mA
mA
V
˚C
˚C
320
40
15
60
5
Red
High brightness
Yellow
High brightness
LA-401AD / AN
520
65
25
50
5
Orange
High brightness
LA-401ED / EN
520
65
25
50
5
LA-401XD / XN
520
65
25
50
5
LA-401MD / MN
480
60
20
60
5
LA-401BD / BN
336
42
10
50
5
PD
PD / seg
IF
IFP
VR
Topr
Tstg
−25 to +75
−30 to +85
Peak forward current
Operating temperature
Storage temperature
Symbol
∗1 Pulse width 1ms Duty 1 / 5
∗2 Pulse width 0.1ms Duty 1 / 10
∗1
∗2
∗2
∗2
∗1
∗2
Power dissipation
Power dissipation
Forward current
Reverse voltage
Green
Blue
Electrical characteristics (Ta=25
°C)
Parameter
Red
Typ.
Unit
V
µA
nm
nm
2.0
650
40
Max.
2.8
100
VF
IR
λP
∆λ
Peak wavelength
Spectral line half width
Symbol
IF
=10mA
VR
=3V
IF
=10mA
IF
=10mA
Conditions
Typ.
2.05
626
18
Max.
2.6
100
Typ.
2.05
610
17
Max.
2.6
100
Typ.
2.05
589
15
Max.
2.6
100
Typ.
2.1
563
40
Max.
2.8
100
Typ.
3.6
470
26
Max.
4.2
100
∗∗
Reverse current
The products are not radiations resistant.
∗Shows the number on the condition of IF=20mA.
Forward voltage
Red
High brightness
Yellow
High brightness
Orange
High brightness
Green
Blue
Luminous intensity
λP (nm)
Unit
Color
650
Type
LA
−401VD
Min.
5.6
Typ.
16
mcd
626
LA
−401AD
36
90
mcd
610
LA
−401ED
36
90
mcd
589
LA
−401XD
36
90
mcd
563
LA
−401MD
5.6
16
mcd
470
LA
−401BD
LA
−401VN
LA
−401AN
LA
−401EN
LA
−401XN
LA
−401MN
LA
−401BN
14
56
mcd
A condition of measurement is IF
=10mA.
Red
High
brightness red
High
brightness orange
High
brightness yellow
Green
Blue


Similar Part No. - LA-401MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-401MD ROHM-LA-401MD Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
More results

Similar Description - LA-401MD

ManufacturerPart #DatasheetDescription
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_17 Datasheet
390Kb / 5P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_17 Datasheet
408Kb / 5P
   Single Digit LED Numeric Display
LA-601BL ROHM-LA-601BL_08 Datasheet
93Kb / 5P
   Single Digit LED Numeric Display
LA-601 ROHM-LA-601 Datasheet
73Kb / 3P
   Single Digit LED Numeric Display
LA-501DN ROHM-LA-501DN_17 Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL Datasheet
66Kb / 3P
   Single Digit LED Numeric Display
LA-301BL ROHM-LA-301BL_08 Datasheet
95Kb / 5P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com