Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C453EBAA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P80C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C453EBAA Datasheet(HTML) 5 Page - NXP Semiconductors

  P80C453EBAA Datasheet HTML 1Page - NXP Semiconductors P80C453EBAA Datasheet HTML 2Page - NXP Semiconductors P80C453EBAA Datasheet HTML 3Page - NXP Semiconductors P80C453EBAA Datasheet HTML 4Page - NXP Semiconductors P80C453EBAA Datasheet HTML 5Page - NXP Semiconductors P80C453EBAA Datasheet HTML 6Page - NXP Semiconductors P80C453EBAA Datasheet HTML 7Page - NXP Semiconductors P80C453EBAA Datasheet HTML 8Page - NXP Semiconductors P80C453EBAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-315
Table 1.
87C453 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT NAMES AND ADDRESSES
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
EF
EE
ED
EC
EB
EA
E9
E8
CSR*#
Port 6 command/status
E8H
MB1
MB0
MA1
MA0
OBFC
IDSM
OBF
IBF
FCH
DPTR
Data pointer (2 bytes)
DPH
Data pointer high
83H
00H
DPL
Data pointer low
82H
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt priority
B8H
POB
PIB
PS
PT1
PX1
PT0
PX0
x0000000B
AUXR#
Auxiliary register
8EH
AF
AO
x0000000B
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt enable
A8H
EA
IOB
IIB
ES
ET1
EX1
ET0
EX0
00000000B
P0*
Port 0
80H
87
B6
85
84
83
82
81
80
FFH
P1*
Port 1
90H
97
96
95
94
93
92
91
90
FFH
P2*
Port 2
A0H
A7
A6
A5
A4
A3
A2
A1
A0
FFH
P3*
Port 3
B0H
B7
B6
B5
B4
B3
B2
B1
B0
FFH
P4*#
Port 4
C0H
C7
C6
C5
C4
C3
C2
C1
C0
FFH
P5*#
Port 5
C8H
CF
CE
CD
CC
CB
CA
C9
C8
FFH
P6*#
Port 6
D8H
DF
DE
DD
DC
DB
DA
D9
D8
FFH
PCON
Power control
87H
SMOD1
SMOD0
POF1
GF1
GF0
PD
IDL
00xx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
SADDR#
Slave Address
A9H
00H
SADEN#
Slave Address Mask
B9H
00H
SBUF
Serial data buffer
99H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer/counter control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TMOD
Timer/counter mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
TH0
Timer 0 high byte
8CH
00H
TH1
Timer 1 high byte
8DH
00H
TL0
Timer 0 low byte
8AH
00H
TL1
Timer 1 low byte
8BH
00H
NOTES:
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.
1. REset value depends on reset source.


Similar Part No. - P80C453EBAA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P80C42 INTEL-P80C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results

Similar Description - P80C453EBAA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com