Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87C552-5K68 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S87C552-5K68
Description  Single-chip 8-bit microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C552-5K68 Datasheet(HTML) 3 Page - NXP Semiconductors

  S87C552-5K68 Datasheet HTML 1Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 2Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 3Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 4Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 5Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 6Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 7Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 8Page - NXP Semiconductors S87C552-5K68 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
Product specification
80C562/83C562
Single-chip 8-bit microcontroller
1992 Jan 08
3
ORDERING INFORMATION
PHILIPS PART
ORDER NUMBER
PART MARKING
PHILIPS NORTH AMERICA
PART ORDER NUMBER
TEMPERATURE
RANGE
°C
ROMless
ROM
ROMless
ROM
Drawing
Number
EPROM
Drawing
Number
AND PACKAGE
FREQ
MHz
PCB80C562-
16WP
PCB83C562-
16WP/xxx
S80C562-4A68
S83C562-4A68
SOT188
S87C552-4A682
SOT188-3
0 to +70, Plastic
Leaded Chip Carrier
16
S87C552-4K682
1473A
0 to +70, Plastic
Leaded Chip Carrier
w/Window
16
PCF80C562-
12WP
PCF83C562-
12WP/xxx
S80C562-2A68
S83C562-2A68
SOT188
S87C552-5A682
SOT188-3
–40 to +85, Plastic
Leaded Chip
Carrier
12
S87C552-5K682
1473A
–40 to +85, Plastic
Leaded Chip Carrier
w/Window
12
PCA80C562-
12WP
PCA83C562-
12WP/xxx
S80C562-6A68
S83C562-6A68
SOT188
–40 to +125, Plastic
Leaded Chip Carrier
12
NOTES:
1. 80C562 and 83C562 frequency range is 1.2MHz–12MHz or 1.2MHz–16MHz.
2. 87C552 frequency range is 3.5MHz–16MHz. For full specification, see the 87C552 data sheets.
3. xxx denotes the ROM code number.
LOGIC SYMBOL
ADC0-7
CMT0
CMT1
CMSR0-5
RST
EW
XTAL1
XTAL2
EA
ALE
PSEN
AVref+
AVref–
STADC
PWM0
PWM1
LOW ORDER
ADDRESS AND
DATA BUS
CT0I
CT1I
CT2I
CT3I
T2
RT2
RxD
TxD
INT0
INT1
T0
T1
WR
RD
VSS
VDD
AVSS
AVDD
HIGH ORDER
ADDRESS AND
DATA BUS
SU00225


Similar Part No. - S87C552-5K68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C552-5A68 PHILIPS-S87C552-5A68 Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
S87C552-5A68 PHILIPS-S87C552-5A68 Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
S87C552-5A68 PHILIPS-S87C552-5A68 Datasheet
193Kb / 24P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
More results

Similar Description - S87C552-5K68

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com