Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C51HFTD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P80C51HFTD
Description  Low-voltage single-chip 8-bit microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C51HFTD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P80C51HFTD Datasheet HTML 6Page - NXP Semiconductors P80C51HFTD Datasheet HTML 7Page - NXP Semiconductors P80C51HFTD Datasheet HTML 8Page - NXP Semiconductors P80C51HFTD Datasheet HTML 9Page - NXP Semiconductors P80C51HFTD Datasheet HTML 10Page - NXP Semiconductors P80C51HFTD Datasheet HTML 11Page - NXP Semiconductors P80C51HFTD Datasheet HTML 12Page - NXP Semiconductors P80C51HFTD Datasheet HTML 13Page - NXP Semiconductors P80C51HFTD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
10
Timer 0 and Timer 1 can be independently programmed to operate
as follows:
Mode 0 - 8-bit timer or counter with divide-by-32 prescaler
Mode 1 - 16-bit time-interval or event counter
Mode 2 - 8-bit time interval or event counter with automatic reload
upon overflow
Mode 3 - Timer 0 establishes TL0 and TH0 as two separate
counters.
In the “Timer” function, the register is incremented every machine
cycle. Since a machine cycle consists of 12 oscillator periods, the
count rate is 1/12 of the oscillator frequency.
In the “Counter” function, the register is incremented in response to
a 1-to-0 transition. Since it takes 2 machine cycles (24 oscillator
periods) to recognize a 1-to-0 transition, the maximum count rate is
1/24 of the oscillator frequency. To ensure a given level is sampled,
it should be held for at least one full machine cycle.
1.4
Idle and Power-down operation
Idle mode operation permits the interrupt, serial port and timer
blocks to continue functioning while the clock to the CPU is halted.
The following functions remain active during Idle mode:
– Timer 0, Timer 1
– UART
– External interrupt
The Power-down operation freezes the oscillator. The Power-down
mode can only be activated by setting the PD bit in the PCON
register.
1.4.1
Power control register
Power-down and Idle modes are activated by software via the
Special Function Register PCON. Its hardware address is 87H.
PCON is byte addressable only.
PCON
BIT
POSITION
FUNCTION
SMOD
PCON.7
PCON.4-PCON.6
Double baud-rate bit, see description of the UART, chapter 1.5.
(reserved)
GF1
PCON.3
General purpose flag bit
GFO
PCON.2
General purpose flag bit
PD
PCON.1
Power-down activation bit
IDL
PCON.0
Idle mode activation bit
Figure 4. Idle and Power-down Hardware
XTAL2
XTAL1
OSCILLATOR
CLOCK
GENERATOR
INPUTS
SERIAL PORTS
TIMER BLOCKS
CPU
IDL
PD


Similar Part No. - P80C51HFTD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C51HFT PHILIPS-P80C51HFT Datasheet
305Kb / 68P
   Low voltage 8-bit microcontrollers with UART
1997 Apr 15
More results

Similar Description - P80C51HFTD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
   LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com