Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S87L51FA-7F40 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # S87L51FA-7F40
Description  CMOS single-chip 3.0V 8-bit microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87L51FA-7F40 Datasheet(HTML) 5 Page - NXP Semiconductors

  S87L51FA-7F40 Datasheet HTML 1Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 2Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 3Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 4Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 5Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 6Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 7Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 8Page - NXP Semiconductors S87L51FA-7F40 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
87L51FA/87L51FB
CMOS single-chip 3.0V 8-bit microcontrollers
1996 Aug 16
3-154
PIN DESCRIPTIONS (Continued)
PIN NUMBER
MNEMONIC
DIP
LCC
QFP
TYPE
NAME AND FUNCTION
P3.0–P3.7
10–17
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 3 pins that are externally being pulled low will source current because of the pull-ups.
(See DC Electrical Characteristics: IIL). Port 3 also serves the special features of the 80C51
family, as listed below:
10
11
5
I
RxD (P3.0): Serial input port
11
13
7
O
TxD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt
13
15
9
I
INT1 (P3.3): External interrupt
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an external
capacitor to VCC.
ALE/PROG
30
33
27
I/O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 the oscillator frequency, and can be used for external timing or clocking.
Note that one ALE pulse is skipped during each access to external data memory. This pin is
also the program pulse input (PROG) during EPROM programming.
PSEN
29
32
26
O
Program Store Enable: The read strobe to external program memory. When the
87L51FA/FB is executing code from the external program memory, PSEN is activated twice
each machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held low
to enable the device to fetch code from external program memory locations 0000H and
1FFFH. If EA is held high, the device executes from internal program memory unless the
program counter contains an address greater than 1FFFH. This pin also receives the
12.75V programming supply voltage (VPP) during EPROM programming. If security bit 1 is
programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5V or VSS – 0.5V, respectively.
TIMER 2
This is a 16-bit up or down counter, which can be operated as either
a timer or event counter. It can be operated in one of three different
modes (autoreload, capture or as the baud rate generator for the
UART).
In the autoreload mode the Timer can be set to count up or down by
setting or clearing the bit DCEN in the T2CON Special Function
Register. The SFR’s RCAP2H and RCAP2L are used to reload the
Timer upon overflow or a 1-to-0 transition on the T2EX input (P1.1).
In the Capture mode Timer 2 can either set TF2 and generate an
interrupt or capture its value. To capture Timer 2 in response to a
1-to-0 transition on the T2EX input, the EXEN2 bit in the T2CON
must be set. Timer 2 is then captured in SFR’s RCAP2H and
RCAP2L.
As the baud rate generator, Timer 2 is selected by setting TCLK
and/or RCLK in T2CON. As the baud rate generator Timer 2 is
incremented at 1/2 the oscillator frequency.
ENHANCED UART
The 87L51FA/FB UART has all of the capabilities of the standard
80C51 UART plus Framing Error Detection and Automatic Address
Recognition. As in the 80C51, all four modes of operation are
supported as well as the 9th bit in modes 2 and 3 that can be used
to facilitate multiprocessor communication.
The Framing Error Detection allows the UART to look for missing
stop bits. If a Stop bit is missing, the FE bit in the SCON SFR is set.
The FE bit can be checked after each transmission to detect
communication errors. The FE bit can only be cleared by software
and is not affected by a valid stop bit.
Automatic Address Recognition is used to reduce the CPU service
time for the serial port. The CPU only needs to service the UART
when it is addressed and, with this done by the on-chip circuitry, the
need for software overhead is greatly reduced. This mode works
similar to the 9-bit communication mode, except that it uses only 8
bits and the Stop bit is used to cause the RI bit to be set. There are
two SFRs associated with this mode. They are SADDR, which holds
the slave address and SADEN, which contains a mask that allows
selective masking of the slave address so that broadcast addresses
can be used.


Similar Part No. - S87L51FA-7F40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S87L42 INTEL-S87L42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results

Similar Description - S87L51FA-7F40

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com