Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB83101MBN Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MB83101MBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MB83101MBN Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MB83101MBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MB83101MBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MB83101MBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MB83101MBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MB83101MBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MB83101MBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MA20 & 60 SERIES, P90 & COG – CASE SIZE 2
MA80 SERIES, X7R – CASE SIZE 2
MA Case Size 2 Series
CG01-J
121
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R1
0.1
B
500
0R2
0.2
500
0R3
0.3
B,C
500
0R4
0.4
500
0R5
0.5
B,C,D
500
0R6
0.6
500
0R7
0.7
500
0R8
0.8
500
0R9
0.9
500
1R0
1.0
500
1R1
1.1
500
1R2
1.2
500
1R3
1.3
500
1R4
1.4
500
1R5
1.5
500
1R6
1.6
500
1R7
1.7
500
1R8
1.8
500
1R9
1.9
500
2R0
2.0
500
2R1
2.1
500
2R2
2.2
500
2R4
2.4
500
2R7
2.7
500
3R0
3.0
500
3R3
3.3
500
3R6
3.6
500
3R9
3.9
500
4R3
4.3
500
4R7
4.7
500
5R1
5.1
500
5R6
5.6
500
6R2
6.2
500
6R8
6.8
B,C,J,K,M
500
*@ 125°C
**Extended Cap Range, COG only
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
512
5100
K,M,Z
100
562
5600
100
622
6200
100
682
6800
100
752
7500
100
822
8200
100
912
9100
100
103
10000
100
113
11000
100
123
12000
100
133
13000
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
153
15000
K,M,Z
100
163
16000
100
183
18000
100
203
20000
100
223
22000
100
243
24000
100
273
27000
100
303
30000
100
333
33000
100
363
36000
100
393
39000
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC**
Code
pF
Tol.
433
43000
K,M,Z
100
473
47000
100
513
51000
100
563
56000
100
623
62000
100
683
68000
100
753
75000
100
823
82000
100
913
91000
100
104
100000
100
**@ 85°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
7R5
7.5
500
8R2
8.2
B,C,J,K,M
500
9R1
9.1
500
100
10
F,G,J,K,M
500
110
11
500
120
12
500
130
13
500
150
15
500
160
16
500
180
18
500
200
20
500
220
22
500
240
24
500
270
27
500
300
30
500
330
33
500
360
36
500
390
39
500
430
43
500
470
47
500
510
51
500
560
56
500
620
62
500
680
68
500
750
75
500
820
82
500
910
91
500
101
100
500
111
110
300
121
120
300
131
130
300
151
150
300
161
160
300
181
180
300
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
201
200
300
221
220
200
241
240
F,G,J,K,M
200
271
270
200
301
300
200
331
330
200
361
360
200
391
390
200
431
430
200
471
470
200
511
510
100
561
560
100
621
620
100
681
680
50
751
750
50
821
820
50
911
910
50
102
1000
50
112**
1100
50
122**
1200
50
132**
1300
50
152**
1500
50
162**
1600
50
182**
1800
50
202**
2000
50
222**
2200
50
242**
2400
50
272**
2700
50
302**
3000
50
332**
3300
50
362**
3600
50
392**
3900
50
432**
4300
50
472**
4700
50
512**
5200
50
*@ 125°C
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
Note: Limited capacitance range available in 1Kv; consult factory.


Similar Part No. - MB83101MBN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB83512-15 FUJITSU-MB83512-15 Datasheet
136Kb / 4P
   MOS MEMORIES
logo
List of Unclassifed Man...
MB836 ETC2-MB836 Datasheet
482Kb / 1P
   Onboard Intel짰 Atom??Processor N270, 1.6GHz 533MHz FSB
MB836F ETC2-MB836F Datasheet
482Kb / 1P
   Onboard Intel짰 Atom??Processor N270, 1.6GHz 533MHz FSB
MB837-D25 ETC2-MB837-D25 Datasheet
294Kb / 1P
   Fanless desktop-size appliance
MB837-D25 ETC2-MB837-D25 Datasheet
593Kb / 1P
   1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
More results

Similar Description - MB83101MBN

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ERB1885C2D100RDX1D MURATA1-ERB1885C2D100RDX1D Datasheet
2Mb / 20P
   High Frequency Ceramic Capacitors
logo
List of Unclassifed Man...
MHP3150 ETC1-MHP3150 Datasheet
564Kb / 5P
   High Frequency Poser Ceramic Capacitors
MHP1151 ETC1-MHP1151 Datasheet
555Kb / 5P
   High Frequency Power Ceramic Capacitors
06022 ETC2-06022 Datasheet
226Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
List of Unclassifed Man...
06019 ETC2-06019 Datasheet
222Kb / 9P
   CAPACITORS, FIXED, CERAMIC, CHIP, HIGH FREQUENCY
logo
Murata Manufacturing Co...
GJM1555C1H2R7BB01D MURATA-GJM1555C1H2R7BB01D Datasheet
2Mb / 14P
   Application Specifi c Capacitors High Frequency Ceramic Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R9CC-W TAIYO-YUDEN-TVS042CG1R9CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R1CC-W TAIYO-YUDEN-TVS042CG3R1CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG3R3CC-W TAIYO-YUDEN-TVS042CG3R3CC-W Datasheet
143Kb / 1P
   Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com