Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2301C51VML Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2301C51VML
Description  Tri-State Buffer ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301C51VML Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2301C51VML Datasheet HTML 1Page - Torex Semiconductor XC2301C51VML Datasheet HTML 2Page - Torex Semiconductor XC2301C51VML Datasheet HTML 3Page - Torex Semiconductor XC2301C51VML Datasheet HTML 4Page - Torex Semiconductor XC2301C51VML Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XC2301
Series
119
1
■Block Diagram
VDD
XT
INH
XT
Rup
Q0
VSS
1/2
1/2
1/2
■Electrical Characteristics
GDC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Input Voltage "High"
Input Voltage "Low"
Output Voltage "High"
Output Voltage "Low"
Supply Current 1
Supply Current 2
Input Pull-Up Resistance 2
VOL
VIH
VIL
VOH
VDD
IOZ
Output Off Leak Current
/INH=OPEN,
Q0=OPEN,
Fin=160MHz
/INH="L", fin=160MHz
/INH=0.7VDD
Q0 pin, /INH="L"
XC2301C51V(fin/1)
XC2301C52V(fin/2)
XC2301C54V(fin/4)
XC2301C58V(fin/8)
3.63
0.4
V
V
V
0.4
4.0
mA
10
140
2.4
0.3
13.0
9.0
7.0
6.0
4.5
2.0
70
2.97
3.30
2.4
2.2
1.0
35
V
V
mA
μA
Rup2
IDD1
IDD2
Input Pull-Up Resistance 1
/INH="L"
/INH pin
Q0 pin, VDD=2.97V, IOH= -8mA
Q0 pin, VDD=2.97V, IOL=8mA
/INH pin
Rup1
(Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃)
PARAMETER
Supply Voltage
Input Voltage
Power Dissipation
Operating Ambient Temp.
Storage Temp.
** When implemented on a glass epoxy PCB.
SYMBOL
CONDITIONS
UNITS
VDD
VIN
Pd
Topr
Tstg
VSS - 0.3 ~ VSS + 7.0
VSS - 0.3 ~ VDD + 0.3
250(**)
- 40 ~ + 85
- 55 ~ + 125
mW
Ta=25℃
■Absolute Maximum Ratings
01S_18XC2301 02.09.12 11:41 ページ 119


Similar Part No. - XC2301C51VML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301C51VML TOREX-XC2301C51VML Datasheet
206Kb / 5P
   Tri-State Buffer ICs
XC2301C51VML TOREX-XC2301C51VML Datasheet
209Kb / 6P
   Tri-State Buffer ICs
More results

Similar Description - XC2301C51VML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301 TOREX-XC2301_2 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_15 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300 Datasheet
260Kb / 6P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_1 Datasheet
206Kb / 5P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_12 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_1 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
XC2301_001 TOREX-XC2301_001 Datasheet
209Kb / 6P
   Tri-State Buffer ICs
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_15 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com