Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS-96 Datasheet(PDF) 8 Page - Intel Corporation

Part # MCS-96
Description  MCS-51 and MCS-96 Packaging Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MCS-96 Datasheet(HTML) 8 Page - Intel Corporation

Back Button MCS-96 Datasheet HTML 4Page - Intel Corporation MCS-96 Datasheet HTML 5Page - Intel Corporation MCS-96 Datasheet HTML 6Page - Intel Corporation MCS-96 Datasheet HTML 7Page - Intel Corporation MCS-96 Datasheet HTML 8Page - Intel Corporation MCS-96 Datasheet HTML 9Page - Intel Corporation MCS-96 Datasheet HTML 10Page - Intel Corporation MCS-96 Datasheet HTML 11Page - Intel Corporation MCS-96 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MCS-51 AND MCS-96 PACKAGING INFORMATION
44-LEAD QUAD FLATPACK PACKAGE
VARIATION: SQUARE
272118±3
Family: Quad Flatpack Package
Symbol
Millimeters Approx
A3
D13
E13
e1
0.8
For exact dimensions consult the Packaging Handbook ( 240800).
8


Similar Part No. - MCS-96

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCS-0402 VISHAY-MCS-0402 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
MCS-0402-VG01 VISHAY-MCS-0402-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
   Advanced Multi-Criteria Detector with Four Unique Sensing Elements
MCS-COF GAMEWELL-FCI-MCS-COF Datasheet
57Kb / 2P
   Advanced Multi-Criteria Fire/CO Detector
More results

Similar Description - MCS-96

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8095-90 INTEL-8095-90 Datasheet
1Mb / 19P
   MCS-96 809X-90, 839X-90
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
logo
Intel Corporation
8031AH INTEL-8031AH Datasheet
794Kb / 21P
   MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
logo
Lapp.
10390600 LAPP-10390600 Datasheet
135Kb / 2P
   EPIC® MCS 4 SS / MCS 4 BS UNIVERSALBUS
17.09.2018
10390400 LAPP-10390400 Datasheet
124Kb / 2P
   EPIC® MCS 2 SS / MCS 2 BS PROFIBUS DP
17.09.2018
logo
WAGO Kontakttechnik Gmb...
750-347 WAGO-750-347 Datasheet
496Kb / 13P
   Fieldbus Coupler CANopen; MCS; ECO
logo
Rochester Electronics
TN87C51FA ROCHESTER-TN87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
WAGO Kontakttechnik Gmb...
750-337 WAGO-750-337 Datasheet
601Kb / 13P
   Fieldbus Coupler CANopen; MCS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com