Electronic Components Datasheet Search |
|
K9F5608R0D-PCB0 Datasheet(PDF) 10 Page - Samsung semiconductor |
|
K9F5608R0D-PCB0 Datasheet(HTML) 10 Page - Samsung semiconductor |
10 / 35 page FLASH MEMORY 10 K9F5608D0D K9F5608R0D K9F5608U0D RECOMMENDED OPERATING CONDITIONS (Voltage reference to GND, K9F5608X0D-XCB0 :TA=0 to 70°C, K9F5608X0D-XIB0:TA=-40 to 85°C) Parameter Symbol K9F5608R0D(1.8V) K9F5608D0D(2.65V) K9F5608U0D(3.3V) Unit Min Typ. Max Min Typ. Max Min Typ. Max Supply Voltage VCC 1.65 1.8 1.95 2.4 2.65 2.9 2.7 3.3 3.6 V Supply Voltage VCCQ 1.65 1.8 1.95 2.4 2.65 2.9 2.7 3.3 3.6 V Supply Voltage VSS 00 0 0 0 0 00 0 V ABSOLUTE MAXIMUM RATINGS NOTE : 1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns. Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns. 2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Parameter Symbol Rating Unit Voltage on any pin relative to VSS VIN/OUT -0.6 to + 4.6 V VCC -0.6 to + 4.6 VCCQ -0.6 to + 4.6 Temperature Under Bias K9F5608X0D-XCB0 TBIAS -10 to +125 °C K9F5608X0D-XIB0 -40 to +125 Storage Temperature K9F5608X0D-XCB0 TSTG -65 to +150 °C K9F5608X0D-XIB0 Short Circuit Current Ios 5 mA |
Similar Part No. - K9F5608R0D-PCB0 |
|
Similar Description - K9F5608R0D-PCB0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |