Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSL11 Datasheet(PDF) 4 Page - Rohm

Part # QSL11
Description  General purpose transistor (isolated transistor and diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QSL11 Datasheet(HTML) 4 Page - Rohm

  QSL11 Datasheet HTML 1Page - Rohm QSL11 Datasheet HTML 2Page - Rohm QSL11 Datasheet HTML 3Page - Rohm QSL11 Datasheet HTML 4Page - Rohm QSL11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QSL11
Transistors
Rev.A
4/4
Di2
0.1m
1m
10m
100m
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
FORWARD VOLTAGE : VF (V)
Fig.9 Forward characteristics
Ta
=125
°C
0.1
µ
1
µ
10
µ
100
µ
1m
10m
100m
1000m
010
20
30
40
50
60
70
REVERSE VOLTAGE : VR (V)
Fig.10 Reverse characteristics
Ta
=25°C
Ta
=−25°C
Ta
=125°C


Similar Part No. - QSL11

ManufacturerPart #DatasheetDescription
logo
Rohm
QSL10 ROHM-QSL10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL12 ROHM-QSL12 Datasheet
79Kb / 5P
   General purpose transistor (isolated transistor and diode)
More results

Similar Description - QSL11

ManufacturerPart #DatasheetDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
US5L11 ROHM-US5L11 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL9 ROHM-QSL9 Datasheet
83Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ3 ROHM-QSZ3 Datasheet
87Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L12 ROHM-US5L12 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4 Datasheet
89Kb / 5P
   General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N_1 Datasheet
93Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L9 ROHM-US5L9_1 Datasheet
81Kb / 5P
   General purpose transistor (isolated transistor and diode)
EML20 ROHM-EML20_08 Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com