Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-2338495 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # C-2338495
Description  CAGE ASSEMBLY, 1X4, OSFP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

C-2338495 Datasheet(HTML) 8 Page - TE Connectivity Ltd

  C-2338495 Datasheet HTML 1Page - TE Connectivity Ltd C-2338495 Datasheet HTML 2Page - TE Connectivity Ltd C-2338495 Datasheet HTML 3Page - TE Connectivity Ltd C-2338495 Datasheet HTML 4Page - TE Connectivity Ltd C-2338495 Datasheet HTML 5Page - TE Connectivity Ltd C-2338495 Datasheet HTML 6Page - TE Connectivity Ltd C-2338495 Datasheet HTML 7Page - TE Connectivity Ltd C-2338495 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Similar Part No. - C-2338495

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2332473 TEC-C-2332473 Datasheet
139Kb / 1P
   GASKET, SEALING TOOL-LESS ROTATABLE DIMMING RECEPTACLE
C-2332966 TEC-C-2332966 Datasheet
454Kb / 3P
   RECEPTACLE ASSEMBLY, LUMAWISE ENDURANCE N TOOL-LESS ROTATABLE
C-2333393 TEC-C-2333393 Datasheet
372Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG, 30AWG
C-2333801 TEC-C-2333801 Datasheet
341Kb / 2P
   CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 30AWG
C-2333842 TEC-C-2333842 Datasheet
232Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 26AWG,25GIG
More results

Similar Description - C-2338495

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2315853 TEC-C-2315853 Datasheet
4Mb / 7P
   CAGE ASSEMBLY, 1X4, OSFP
C-2317416 TEC-C-2317416 Datasheet
1Mb / 3P
   CAGE ASSEMBLY, 1X1, OSFP
logo
Molex Electronics Ltd.
2111663016 MOLEX-2111663016 Datasheet
282Kb / 3P
   OSFP TO OSFP 112G CABLE ASSEMBLY
2023/04/18
2111663005 MOLEX-2111663005 Datasheet
282Kb / 3P
   OSFP TO OSFP 112G CABLE ASSEMBLY
2023/04/18
logo
VITALCONN ELECTRONICS H...
S148XXX1X VITALCONN-S148XXX1X Datasheet
1Mb / 7P
   QSFP28G 1X4 CAGE
logo
Molex Electronics Ltd.
1111110410 MOLEX1-1111110410 Datasheet
41Kb / 1P
   zSFP 1x4 Ganged Cage Assembly with Elastomer Gasket
logo
TE Connectivity Ltd
C-2324869 TEC-C-2324869 Datasheet
457Kb / 2P
   CONNECTOR ASSEMBLY, SMT, OSFP
logo
Molex Electronics Ltd.
0747690504 MOLEX11-0747690504 Datasheet
47Kb / 1P
   QSFP 1x4 Ganged Cage Assembly, NET Heat Sink with Dual Light Pipes
0747690502 MOLEX11-0747690502 Datasheet
46Kb / 1P
   QSFP 1x4 Ganged Cage Assembly, NET Heat Sink with Single Light Pipe
0747690604 MOLEX11-0747690604 Datasheet
39Kb / 1P
   QSFP 1x4 Ganged Cage Assembly, NET Heat Sink with Dual Light Pipes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com