Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS12
Description  Schottkyre ctifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS12 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
SS115
SS16
Single phase half-wave 60Hz,resistive or inductive load,
Ratings at 25 C ambient temperature unless otherwise specified.
Case
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity
Mounting Position: Any
Weight : 0.002 ounce, 0.07 grams
for capacitive load current derate by 20%.
Features
Mechanical Data
Maximum Ratings And Electrical Characteristics
SS12~SS120
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
Dimensions in inches and (millimeters)
DO-214AC
0.177(4.50)
0.157(3.99)
0.110(2.80)
0.100(2.54)
0.060(1.52)
0.030(0.76)
0.222(5.66)
0.194(4.93)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.42)
0.078(1.98)
0.067 (1.70)
0.051 (1.30)
: JEDEC DO-214AC molded plastic body
: Color band denotes cathode end
SS12
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
0.85
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=110 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Note:
1.P.C.B. mounted with 8.0x8.0mm copper pad areas
IR
0.5
20.0
R
θJA
TJ,TSTG
75.0
-55 to +150
C
mA
Typical thermal resistance (NOTE 1)
C/W
SS14
SS18 SS110
SS120
20
14
40
21
60
28
80
56
100
150
105
200
150
20
40
60
80
100
150
200
0.55
0.70
0.95
0.1
10.0
2.0
Schottky rectifier
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
117Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SS12 JINGHENG-SS12 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DSK32 LEIDITECH-DSK32 Datasheet
1Mb / 3P
   Schottkyre ctifier
SS22A LEIDITECH-SS22A Datasheet
349Kb / 3P
   Schottkyre ctifier
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
   Schottkyre ctifier
B16WS LEIDITECH-B16WS Datasheet
545Kb / 3P
   Schottkyre ctifier
BAS70 LEIDITECH-BAS70 Datasheet
505Kb / 3P
   Schottky r e ctifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com