Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9P1X5EFV-C Datasheet(PDF) 1 Page - Rohm

Part # BD9P1X5EFV-C
Description  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9P1X5EFV-C Datasheet(HTML) 1 Page - Rohm

  BD9P1X5EFV-C Datasheet HTML 1Page - Rohm BD9P1X5EFV-C Datasheet HTML 2Page - Rohm BD9P1X5EFV-C Datasheet HTML 3Page - Rohm BD9P1X5EFV-C Datasheet HTML 4Page - Rohm BD9P1X5EFV-C Datasheet HTML 5Page - Rohm BD9P1X5EFV-C Datasheet HTML 6Page - Rohm BD9P1X5EFV-C Datasheet HTML 7Page - Rohm BD9P1X5EFV-C Datasheet HTML 8Page - Rohm BD9P1X5EFV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
〇Product structure : Silicon integrated circuit 〇This product has no designed protection against radioactive rays
.
1/57
TSZ02201-0J1J0AL01480-1-2
© 2019 ROHM Co., Ltd. All rights reserved.
08.Apr.2020 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
3.5 V to 40 V Input, 1 A
Single 2.2 MHz Buck DC/DC Converter
For Automotive
BD9P1x5EFV-C Series
General Description
BD9P1x5EFV-C Series are current mode synchronous
buck DC/DC converter integrating POWER MOSFETs.
Features
Nano Pulse Control
TM
AEC-Q100 Qualified
(Note 1)
Minimum ON Pulse 50 ns (Max)
Synchronous Buck DC/DC Converter Integrating
POWER MOSFETs
Soft Start Function
Current Mode Control
Reset Function
Quiescent Current 10
μA (Typ)
with 12 V Input to 5.0 V Output
Light Load Mode (LLM)
Forced Pulse Wide Modulation (PWM) Mode
Phase Compensation Included
Selectable Spread Spectrum Switching
External Synchronization Function
Selectable Over Current Protection (OCP)
Input Under Voltage Lockout (UVLO) Protection
Thermal Shut Down (TSD) Protection
Output Over Voltage Protection (OVP)
Short Circuit Protection (SCP)
(Note 1) Grade 1
Applications
Automotive Powered Supplies
Consumer Powered Supplies
Key Specifications
 Input Voltage Range:
3.5 V to 40 V
(Initial startup is 4.0 V or more)
 Output Voltage Range
BD9P105EFV-C:
0.8 V to 8.5 V
BD9P135EFV-C:
3.3 V (Typ)
BD9P155EFV-C:
5.0 V (Typ)
 Output Current:
OCP_SEL = L
0.5 A (Max)
OCP_SEL = H
1.0 A (Max)
 Switching Frequency:
2.2 MHz (Typ)
 Output Voltage Accuracy:
±1.75 % (-40 °C to +125 °C)
 Shutdown Current:
2.1
μA (Typ)
 Operating Temperature Range:
-40 °C to +125 °C
Package
W (Typ) x D (Typ) x H (Max)
HTSSOP-B20
6.5 mm x 6.4 mm x 1.0 mm
Typical Application Circuit
VIN
PVIN
EN
PGND
VREG
OCP_SEL
BST
SW
VCC_EX
VOUT_DIS
VOUT_SNS
RESET
MODE
SSCG
VIN
VMODE
VSSCG
VOUT
CBST
L1
COUT
RRST
CREG
CIN
GND
Figure 1. Application Circuit with Discharge Function (BD9P135EFV-C, BD9P155EFV-C)
Nano Pulse Control
TM is a trademark of ROHM Co., Ltd.
HTSSOP-B20
Datasheet


Similar Part No. - BD9P1X5EFV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Similar Description - BD9P1X5EFV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com