Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9P105MUF-CE2 Datasheet(PDF) 21 Page - Rohm

Part # BD9P105MUF-CE2
Description  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9P105MUF-CE2 Datasheet(HTML) 21 Page - Rohm

Back Button BD9P105MUF-CE2 Datasheet HTML 17Page - Rohm BD9P105MUF-CE2 Datasheet HTML 18Page - Rohm BD9P105MUF-CE2 Datasheet HTML 19Page - Rohm BD9P105MUF-CE2 Datasheet HTML 20Page - Rohm BD9P105MUF-CE2 Datasheet HTML 21Page - Rohm BD9P105MUF-CE2 Datasheet HTML 22Page - Rohm BD9P105MUF-CE2 Datasheet HTML 23Page - Rohm BD9P105MUF-CE2 Datasheet HTML 24Page - Rohm BD9P105MUF-CE2 Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21/57
© 2019 ROHM Co., Ltd. All rights reserved.
28.Apr.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9P1x5MUF-C Series
TSZ02201-0J1J0AL01500-1-2
Function Explanation – continued
5.
External Synchronization Function
By applying clock signal to the MODE pin, the switching frequency can be synchronized to the external clock signal.
When clock signal is applied with the synchronization frequency range between 1.8 MHz and 2.4 MHz and the duty
range between 25 % and 75 %, the Synchronous mode is started after 4 rising edges of the clock signal. In addition, this
function is enabled after VRESET becomes high. If the duration between each rising edge exceeds 0.9 µs (Typ) or more,
the Synchronous mode is deactivated and switching operation by internal clock is activated (the Non-Synchronous
mode). The Spread Spectrum function cannot be activated during the Synchronous mode.
VIN
VEN
VOUT
VSW
VRESET
VMODE
Non-Synchronous
tDLY
tRSTNACT
Synchronous
0.9
μs (Typ)
VRTH
3.6 ms
(Typ)
400 µs
(Typ)
Non-Synchronous
Synchronous
Figure 35. External Synchronization Function


Similar Part No. - BD9P105MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P105MUF-CE2 ROHM-BD9P105MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Similar Description - BD9P105MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P1X5EFV-C ROHM-BD9P1X5EFV-C Datasheet
3Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com