Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD18326NUF-M Datasheet(PDF) 17 Page - Rohm

Part # BD18326NUF-M
Description  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M Datasheet(HTML) 17 Page - Rohm

Back Button BD18326NUF-M Datasheet HTML 13Page - Rohm BD18326NUF-M Datasheet HTML 14Page - Rohm BD18326NUF-M Datasheet HTML 15Page - Rohm BD18326NUF-M Datasheet HTML 16Page - Rohm BD18326NUF-M Datasheet HTML 17Page - Rohm BD18326NUF-M Datasheet HTML 18Page - Rohm BD18326NUF-M Datasheet HTML 19Page - Rohm BD18326NUF-M Datasheet HTML 20Page - Rohm BD18326NUF-M Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17/36
© 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0T1T0B300340-1-2
Description of Blocks – continued
(Unless otherwise specified, Tj = 25 °C, VIN = 13 V)
13. Current Bypass Function at Reduced-Voltage
The BD18326NUF-M is built-in current bypass function at reduced-voltage.
When the VIN_DIV which is the resistor divider of the VIN pin voltage VIN is more than the BPCNT reference voltage VBP
(2.0 V (Typ)), the ISINK pin sink current IISINK decreases. The output current IOUT changes linearly.
The ISINK pin sink current IISINK can be set by the following formula.
������������������������ =
��������������������
����������������
+ �������������������� × ������������������������ ÷ 103
[mA]
������������������������ =
1
������������3
{
������������2 × (������������1 × ������������ + ������������3 × ������������)
������������1 × ������������2 + ������������3 × (������������1 + ������������2)
− ������������} × 103 ≥ 0 [μA]
������������������������_������������ =
��������������������
����������������
[mA]
Where:
��������������������
is the ISINK current setting coefficient,
3000 (Typ).
����������������
is the output current setting resistor,
[kΩ]
��������������������
is the ISINK current gain,
-7300 (Typ).
������������������������
is the BPCNT pin input current,
[μA]
������������1
is the resistor for setting current bypass 1, [kΩ]
������������2
is the resistor for setting current bypass 2, [kΩ]
������������3
is the resistor for setting current bypass 3, [kΩ]
������������
is the BPCNT reference voltage,
2.00 V (Typ)
������������������������_������������
is the ISINK pin maximum sink current,
[mA]
Current Bypass Function at Reduced-Voltage
When not using the current bypass function at reduced-voltage, the ISINK pin is connected to the GND and the
BPCNT pin is connected with pull-down resistor or to the GND.
Current
Driver
100 mA
to 600 mA
OUT
VIN
+B
ISINK
IOUT
IISINK
IOUTA
ISET
VBP
GSINK
KSINK
-
BPCNT
RBP1
RBP2
VIN_DIV
IBPCNT
RBP3
+
IOUTA
IISINK
VIN
IOUT
IBPCNT
VIN_DIV
VBP (2.00 V)
IISINK = IOUT
KSINK
RSET - GSINK x IBPCNT
IISINK_MAX


Similar Part No. - BD18326NUF-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD183 COMSET-BD183 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD183 COMSET-BD183 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Rohm
BD18332EUV-M ROHM-BD18332EUV-M Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
BD18332EUV-ME2 ROHM-BD18332EUV-ME2 Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
More results

Similar Description - BD18326NUF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18337EFV-M ROHM-BD18337EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Rohm
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
logo
Sanyo Semicon Device
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
   700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com