Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD18326NUF-M Datasheet(PDF) 8 Page - Rohm

Part # BD18326NUF-M
Description  40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18326NUF-M Datasheet(HTML) 8 Page - Rohm

Back Button BD18326NUF-M Datasheet HTML 4Page - Rohm BD18326NUF-M Datasheet HTML 5Page - Rohm BD18326NUF-M Datasheet HTML 6Page - Rohm BD18326NUF-M Datasheet HTML 7Page - Rohm BD18326NUF-M Datasheet HTML 8Page - Rohm BD18326NUF-M Datasheet HTML 9Page - Rohm BD18326NUF-M Datasheet HTML 10Page - Rohm BD18326NUF-M Datasheet HTML 11Page - Rohm BD18326NUF-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8/36
© 2020 ROHM Co., Ltd. All rights reserved.
BD18326NUF-M
28.Sep.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0T1T0B300340-1-2
4. PWM Dimming Operation – continued
4.5
About the Deviation of the CRT Pin Voltage Ramp Up/Down Time Due to Reverse Current Characteristics
of Reverse Connection Protection Diodes
If this IC is used to drive LED as shown below, there is a possibility of the deviation of the CRT pin voltage ramp
up/down time from the settings depends on reverse current characteristics of connected reverse current
protection diodes (D2, D3).
Consider a diode which is recommended by ROHM or a diode which is 1 μA (Max) or less of reverse current
characteristics because reverse current Ir of a diode especially increases at high temperature.
Since reverse current flows even with the recommended diodes, connect a resistor of RDCIN of 10 kΩ or less
between Point A and GND so that the voltage at point A does not rise.
●Mechanism of the deviation of the CRT pin voltage ramp up/down time from the settings.
A) During the PWM dimming mode, Point A on the below figure is in the high impedance (Hi-Z) state.
B) Reverse current Ir of D2 and D3 flow to Point A.
(Power supply voltage is being input into the cathode of D2, so mainly reverse current of D2 flows to C1.)
→Reverse current Ir of D3 is added to the CRT pin charge current and discharge current, so the CRT pin
voltage ramp up/down time deviates from the settings.
C) C1 gets charged, voltage at Point A rises.
D) Point A voltage is the CRT pin voltage of each IC or more.
E) Forward voltage Vf is generated to the diode D3.
F) D3 flows forward current If.
→Forward current If of D3 is added to the CRT pin charge current and discharge current, so the CRT pin
voltage ramp up/down time deviates from the settings.
Repetition of B) to F).
Mechanism of the Deviation of the CRT Pin Voltage Ramp Up/Down Time
due to Reverse Connection Protection Diodes
CRT
VIN
DISC
RDCIN
D1
D2
D3
Ir
If
Vf
Point A
C1
BD18326NUF-M
GND
OUT


Similar Part No. - BD18326NUF-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD183 ETC1-BD183 Datasheet
144Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Comset Semiconductor
BD183 COMSET-BD183 Datasheet
150Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
BD183 COMSET-BD183 Datasheet
78Kb / 3P
   NPN SILICON TRANSISTOR POWER LINERAR AND SWITCHING APPLICATIONS
logo
Rohm
BD18332EUV-M ROHM-BD18332EUV-M Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
BD18332EUV-ME2 ROHM-BD18332EUV-ME2 Datasheet
5Mb / 98P
   24CH Linear LED Driver Embedded Automotive Lamps LED Driver
14.Oct.2022 Rev.001
More results

Similar Description - BD18326NUF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18337EFV-M ROHM-BD18337EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18340FV-M ROHM-BD18340FV-M Datasheet
1Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
Rohm
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
logo
Sanyo Semicon Device
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
   700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com