Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD86852MUF-C Datasheet(PDF) 37 Page - Rohm

Part # BD86852MUF-C
Description  PMIC for Automotive Camera
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD86852MUF-C Datasheet(HTML) 37 Page - Rohm

Back Button BD86852MUF-C Datasheet HTML 33Page - Rohm BD86852MUF-C Datasheet HTML 34Page - Rohm BD86852MUF-C Datasheet HTML 35Page - Rohm BD86852MUF-C Datasheet HTML 36Page - Rohm BD86852MUF-C Datasheet HTML 37Page - Rohm BD86852MUF-C Datasheet HTML 38Page - Rohm BD86852MUF-C Datasheet HTML 39Page - Rohm BD86852MUF-C Datasheet HTML 40Page - Rohm BD86852MUF-C Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
37/43
TSZ02201-0A3A0AP00520-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
03.Mar.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD86852MUF-C
Power Loss
Use good margin to keep the Ta and Tj operating range in the thermal design below.
Do not exceed the temperature specification of Ta and Tj at any time by design.
1.
Ambient temperature Ta < 125 °C
2.
Chip junction temperature Tj < 150 °C
Chip junction temperature Tj can be estimated by the following two ways.
I.
Estimate Tj based on the package top center temperature Tt in actual usage.
�������� = �������� + ������������ × ����
II.
Estimate Tj based on the ambient temperature Ta.
�������� = �������� + ������������
× ����
Power dissipation W of the IC is calculated by the following equation.
���� = ������������ × ������������ + ����1 + ����2 + ����3
Where:
ICC is circuit current.
VCC is input voltage.
W1 is power dissipation of DC/DC1.
W2 is power dissipation of DC/DC2.
W3 is power dissipation of DC/DC3.
Power
loss of DC/DC W1 to W3
I.
Loss of Tr
1
2
�������� × �������� × �������� × ����������������
II.
Loss of High Side FET ON resistance
���������������� × ��������2 ×
��������
���������
III.
Loss of Tf
1
2
�������� × �������� × �������� × ����������������
IV.
Loss of body diode
�������� × �������� × 2 × ���������������� × ����������������
(When using external SBD, loss will not be included in IC.)
V.
Loss of Low Side FET ON resistance
���������������� × ��������2 × (
��������−��������
��������
− 2 × ���������������� × ����������������)
Where:
VS is input voltage.
VO is output voltage.
IO is output current.
Tr/Tf is the rising/falling time of the switching voltage transition.
Freq is oscillation frequency.
RONH is RON of high side FET.
RONL is RON of low side FET.
VF is body diode of low side FET.
tOFF is dead time.
Figure 34. Power Loss of DC/DC
GND
VS
Ⅲ Ⅳ
SW wave form


Similar Part No. - BD86852MUF-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
   Camera Module System Power Supply ICs for CMOS Sensor
BD868A0MUF-C ROHM-BD868A0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868B0MUF-C ROHM-BD868B0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868C0MUF-C ROHM-BD868C0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868C1MUF-C ROHM-BD868C1MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
More results

Similar Description - BD86852MUF-C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
[Old version datasheet]   Automotive Camera PMIC
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Texas Instruments
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
TPS650330-Q1 TI1-TPS650330-Q1_V03 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
REVISED FEBRUARY 2023
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650331-Q1 TI-TPS650331-Q1 Datasheet
1Mb / 9P
[Old version datasheet]   TPS650331-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650330-Q1 TI-TPS650330-Q1_V02 Datasheet
1Mb / 10P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
REVISED DECEMBER 2021
TPS650350-Q1 TI-TPS650350-Q1 Datasheet
755Kb / 10P
[Old version datasheet]   TPS650350-Q1 Automotive Camera PMIC
NOVEMBER 2022
TPS650332-Q1 TI-TPS650332-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650332-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650333-Q1 TI-TPS650333-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650333-Q1 Automotive Camera PMIC
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com