Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1K1210Q7 Datasheet(PDF) 1 Page - Schneider Electric

Part # LC1K1210Q7
Description  TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 380...400 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K1210Q7 Datasheet(HTML) 1 Page - Schneider Electric

  LC1K1210Q7 Datasheet HTML 1Page - Schneider Electric LC1K1210Q7 Datasheet HTML 2Page - Schneider Electric LC1K1210Q7 Datasheet HTML 3Page - Schneider Electric LC1K1210Q7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1K1210Q7
TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1
NO aux. - 380...400 V AC coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 86.00 USD
Main
Range
TeSys
Product or component type
Contactor
Product name
TeSys K
Device short name
LC1K
Device application
Control
Contactor application
Motor control
Resistive load
Complementary
Utilisation category
AC-1
AC-4
AC-3
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: 690 V AC 50/60 Hz
Signalling circuit: <= 690 V AC 50/60 Hz
[Ie] rated operational current
20 A 122 °F (50 °C)) <= 440 V AC AC-1 power circuit
12 A<= 440 V AC AC-3 power circuit
16 A 158 °F (70 °C)) 690 V AC AC-1 power circuit
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
380...400 V AC 50/60 Hz
Motor power kW
4 kW 480 V AC 50/60 Hz AC-3
4 kW 500...600 V AC 50/60 Hz AC-3
4 kW 660...690 V AC 50/60 Hz AC-3
2.2 kW 400 V AC 50/60 Hz AC-4
3 kW 220...230 V AC 50/60 Hz AC-3
5.5 kW 380...415 V AC 50/60 Hz AC-3
5.5 kW 440 V AC 50/60 Hz AC-3
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 27, 2021
1


Similar Part No. - LC1K1210Q7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K12105B7 SCHNEIDER-LC1K12105B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 24 V AC coil
logo
List of Unclassifed Man...
LC1K1210B7 ETC2-LC1K1210B7 Datasheet
89Kb / 2P
   Item # LC1K1210B7, TeSys K Non-reversing Contactor
logo
Schneider Electric
LC1K1210B7 SCHNEIDER-LC1K1210B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 24 V AC coil
LC1K1210E7 SCHNEIDER-LC1K1210E7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 48 V AC coil
LC1K1210F7 SCHNEIDER-LC1K1210F7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 110 V AC coil
More results

Similar Description - LC1K1210Q7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0910Q7 SCHNEIDER-LC1K0910Q7 Datasheet
149Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 380...400 V AC coil
LC1K0610Q7 SCHNEIDER-LC1K0610Q7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 380...400 V AC coil
LC1K1210N7 SCHNEIDER-LC1K1210N7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 400...415 V AC coil
LC1K0901Q7 SCHNEIDER-LC1K0901Q7 Datasheet
169Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 380...400 V AC coil
LC1K0910V7 SCHNEIDER-LC1K0910V7 Datasheet
169Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 400 V AC coil
LC1K1210E7 SCHNEIDER-LC1K1210E7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 48 V AC coil
LC1K1210F7 SCHNEIDER-LC1K1210F7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 110 V AC coil
LC1K1210G7 SCHNEIDER-LC1K1210G7 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 120 V AC coil
LC1K1210P7 SCHNEIDER-LC1K1210P7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 230 V AC coil
LC1K1210B7 SCHNEIDER-LC1K1210B7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 24 V AC coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com