Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3196 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3196
Description  2A Sink/Source DDR-I, -II Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3196 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM3196 Datasheet HTML 4Page - California Micro Devices Corp CM3196 Datasheet HTML 5Page - California Micro Devices Corp CM3196 Datasheet HTML 6Page - California Micro Devices Corp CM3196 Datasheet HTML 7Page - California Micro Devices Corp CM3196 Datasheet HTML 8Page - California Micro Devices Corp CM3196 Datasheet HTML 9Page - California Micro Devices Corp CM3196 Datasheet HTML 10Page - California Micro Devices Corp CM3196 Datasheet HTML 11Page - California Micro Devices Corp CM3196 Datasheet HTML 12Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
04/22/04
CM3196
Performance Information (cont’d)
Typical Transient Characteristics (nominal conditions unless otherwise specified)
Figure 8. Load Transient
(0A to 2.0A Sink)
Figure 9. Line Transient
(0A to 2.0A Source)


Similar Part No. - CM3196

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM31 CML-CM31 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM31 VCC-CM31 Datasheet
27Kb / 1P
   Base
logo
Lumberg
CM31-01 LUMBERG-CM31-01 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM31-03 LUMBERG-CM31-03 Datasheet
374Kb / 3P
   Tools and harnessing machines
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
More results

Similar Description - CM3196

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com