Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3503 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3503
Description  USB 5V Single 1.4A Overcurrent Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3503 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3503 Datasheet HTML 1Page - California Micro Devices Corp CM3503 Datasheet HTML 2Page - California Micro Devices Corp CM3503 Datasheet HTML 3Page - California Micro Devices Corp CM3503 Datasheet HTML 4Page - California Micro Devices Corp CM3503 Datasheet HTML 5Page - California Micro Devices Corp CM3503 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CALIFORNIA MICRO DEVICES
PRELIMINARY
CM3503
Note: This is a preliminary datasheet only. Data subject to change at any time.
© 2003 California Micro Devices Corp. All rights reserved
09/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
Response to Momentary Overcurrent Fault
I
OUT
V
OUT
OC#
Temp.
>1400mA
<150’C
V
OUT drops to reduce IOUT
OC# goes inactive as
soon as overcurrent
condition stops
<1300mA
OC# goes active
after 10ms (min)
20ms (typ.) delay
I
OUT
V
OUT
OC#
Temp.
T
MAX = 150’C
T
MIN = 125’C
150’C
Response to Continuous Overcurrent Fault
V
OUT drops to reduce IOUT
Total powerdown when
over-temperature limit
reached
Re-powers when
temperature drops
to 125’C
OC# goes active
after 10ms (min)
20ms (typ.) delay
OC# stays low
>1400mA


Similar Part No. - CM3503

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM350 CML-CM350 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM350 VCC-CM350 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Pan Jit International I...
CM3500 PANJIT-CM3500 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
logo
Transys Electronics
CM3500 TRSYS-CM3500 Datasheet
160Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Pan Jit International I...
CM3501 PANJIT-CM3501 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
More results

Similar Description - CM3503

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3513 CALMIRCO-CM3513 Datasheet
141Kb / 10P
   USB 2.4A Overcurrent Switch
CM3501 CALMIRCO-CM3501 Datasheet
226Kb / 7P
   Dual USB Overcurrent Switch 750mA (VCC) / 100mA (VSBY)
CM3511 CALMIRCO-CM3511 Datasheet
155Kb / 13P
   Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)
logo
Alpha & Omega Semicondu...
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
logo
Bourns Electronic Solut...
MF-NSMF200-2 BOURNS-MF-NSMF200-2_11 Datasheet
670Kb / 1P
   USB 3.0 - ESD & Overcurrent Protection
logo
Shenzhen Huazhimei Semi...
HM4038 HMSEMI-HM4038 Datasheet
5Mb / 8P
   5V USB IC
logo
Diodes Incorporated
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
   5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
logo
Shenzhenshi YONGFUKANG ...
CS5082E YONGFUKANG-CS5082E Datasheet
1Mb / 7P
   NTC,5V USB
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com