Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3196-12SH Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3196-12SH
Description  2A Sink/Source DDR-I, -II Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3196-12SH Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3196-12SH Datasheet HTML 1Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 2Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 3Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 4Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 5Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 6Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 7Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 8Page - California Micro Devices Corp CM3196-12SH Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
5
CM3196
Specifications (cont’d)
DDR-II Features
Note 1: Operating characteristics are over Standard Operating Conditions unless otherwise specified.
STANDARD OPERATING CONDITIONS
PARAMETER
VALUE
UNITS
VDDQ
1.8
V
AVIN
3.3
V
PVIN
1.8
V
Ambient Operating Temperature
-40 to +85
°C
CVOUT
220 +20%
µF
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
PVIN pin
AVIN pin
1.5
2.2
1.8
3.3
AVIN
5.5
V
V
ICC
AVIN Quiescent Current
ITT = 0A
450
µA
ICCSD
AVIN Quiescent Current
in Shut Down
VSD = logic "0"
115
µA
VTT
VTT Output Voltage
PVIN = 1.8V
PVIN = 1.5V
AVIN > 2.2V, PVIN > 2.2V
ILOAD = 0 to 0.6A or ILOAD = -0.6A to 0A
ILOAD = 0 to 0.3A or ILOAD = -0.3A to 0A
ILOAD = 0 to 1.2A or ILOAD = -1.2A to 0A
0.882
0.882
0.882
0.9
0.9
0.9
0.918
0.918
0.918
V
V
V
VREF
Output Reference Voltage
VDDQ = 1.8V, IREF = 0A
0.882
0.9
0.918
V
VOSVTT
Output Offset from VREF
-30
30
mV
ZREF
VREF Output Impedance
IREF = -5µA to 5µA5
k
ZVDDQ
VDDQ Input Impedance
100
k
ILIM
VTT Current Limit
2.5
A
VSD
Shutdown Logic
Logic "1" Level
Logic "0" Level
1.5
0.4
V
V
TDISABLE
THYST
Shutdown Temperature
Thermal Hysteresis
150
30
°C
°C


Similar Part No. - CM3196-12SH

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM31 CML-CM31 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM31 VCC-CM31 Datasheet
27Kb / 1P
   Base
logo
Lumberg
CM31-01 LUMBERG-CM31-01 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM31-03 LUMBERG-CM31-03 Datasheet
374Kb / 3P
   Tools and harnessing machines
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
More results

Similar Description - CM3196-12SH

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com