Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOA0E156M Datasheet(PDF) 6 Page - Rohm

Part # TCOA0E156M
Description  Chip tantalum capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOA0E156M Datasheet(HTML) 6 Page - Rohm

Back Button TCOA0E156M Datasheet HTML 2Page - Rohm TCOA0E156M Datasheet HTML 3Page - Rohm TCOA0E156M Datasheet HTML 4Page - Rohm TCOA0E156M Datasheet HTML 5Page - Rohm TCOA0E156M Datasheet HTML 6Page - Rohm TCOA0E156M Datasheet HTML 7Page - Rohm TCOA0E156M Datasheet HTML 8Page - Rohm TCOA0E156M Datasheet HTML 9Page - Rohm TCOA0E156M Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TCO series
Tantalum capacitors
6/9
Standard list, TCO series
Part No.
Rated
Voltage
85
°C
(V)
Category
Voltage
105
°C
(V)
Surge
Voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
Current
25
°C
1WV 5min
(
µA)
Df
120Hz
(%)
4
2.5
2.0
3.2
TCO A 0E 106
TCO A 0E 156
TCO A 0E 226
TCO A 0E 336
TCO A 0G 685
TCO A 0G 106
TCO A 0G 156
TCO A 0G 226
TCO A 0G 336
TCO A 0J 475
TCO A 0J 685
TCO A 0J 106
TCO A 0J 156
TCO A 0J 226
TCO A 1A 335
TCO A 1A 475
TCO A 1A 685
TCO A 1A 106
10
15
22
33
6.8
10
15
22
33
4.7
6.8
10
15
22
3.3
4.7
6.8
10
3.2
5.2
6.3
5
8
10
8
13
−55°C
105
°C
25
°C
85
°C
6
6
6
9
500
6
69
6
69
6
9
ESR
100kHz
(m
Ω)
800
500
800
500
800
500
20
+−
20
+−
20
+−
20
+−
=Tolerance(M :
±20%)
3.0
3.8
5.5
8.3
3.0
4.0
6.0
8.8
13.2
3.0
4.3
6.3
9.5
13.9
3.3
4.7
6.8
10.0
< A case : 3216 size >
Packaging specifications
Sprolet hole
φDo
t1
t2
Pull-out direction
B
A
Tape [ A case ]
Reek [ A case ]
P1
P2
P3
E
F
W
Component is loadee
Unit : [mm]
11.4 1.0
Labelsticling position
EIAJ ET
−7002A
Pull direction
+−
Case
A
A 0.1
+−
B 0.1
+−
W 0.1
+−
E 0.1
+−
F 0.1
+−
P1 0.1
+−
P2 0.05
+−
P0 0.1
+−
1.9
3.5
8.0
1.75
3.5
4.0
2.0
4.0
Packaging style
2,000pcs
Case code
package
Taping
A
Packaging style
plastic taping
φ180mmReel
Symbol
R
Basic ordering units


Similar Part No. - TCOA0E156M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOA0E156M8R ROHM-TCOA0E156M8R Datasheet
136Kb / 6P
   Chip tantalum capacitors
More results

Similar Description - TCOA0E156M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com