Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB0G476M Datasheet(PDF) 10 Page - Rohm

Part # TCFGB0G476M
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB0G476M Datasheet(HTML) 10 Page - Rohm

Back Button TCFGB0G476M Datasheet HTML 6Page - Rohm TCFGB0G476M Datasheet HTML 7Page - Rohm TCFGB0G476M Datasheet HTML 8Page - Rohm TCFGB0G476M Datasheet HTML 9Page - Rohm TCFGB0G476M Datasheet HTML 10Page - Rohm TCFGB0G476M Datasheet HTML 11Page - Rohm TCFGB0G476M Datasheet HTML 12Page - Rohm TCFGB0G476M Datasheet HTML 13Page - Rohm TCFGB0G476M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TCFG series
Tantalum capacitors
10/15
!
!
!
!
Electrical characteristics and operation notes
(1) Soldering conditions (soldering temperature and soldering time)
130
140
150
160
170
0
60
90
120
150
180
TIME
(sec)
TIME
(sec)
Preheat
Fig.1 Reflow (Infrared Ray
, Hot Plate, Hot Air)
Reflow
200
220
240
260
280
0
10203040506070
TCFG
TCFG
TIME
(sec)
Fig.2 Flow
(Dipping wave soldering)
200
210
220
230
240
250
260
270
0
2
4
6
8
10
12
14
16
TCFG
TIME (
sec)
Fig.3 Hand soldering
(soldering gun output:
30W or less)
280
300
320
340
0
5
10
15
20
25
TCFG
(2) Leakage current-to-voltage ratio
0.01
0.1
1
0
20
40
60
80
100
% OF RATED VOLTAGE (
VR)
Fig.4


Similar Part No. - TCFGB0G476M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB0G476M8R ROHM-TCFGB0G476M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB0G476M8R ROHM-TCFGB0G476M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB0G476M8R ROHM-TCFGB0G476M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB0G476M

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com